Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF1112
Description  10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF1112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF1112 Datasheet HTML 2Page - Texas Instruments REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments REF1112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REF1112
6
SBOS283C
www.ti.com
FIGURE 5. Adjustable Voltage Shunt Reference.
For applications requiring a stable voltage reference ca-
pable of sinking higher than 5mA of current, a REF1112
combined with an OPA347 can sink up to 10mA of
current. This configuration is shown in Figure 5, and
through appropriate selection of R1 and R2, can be used
to provide a wide range of stable reference voltages. The
REF1112 is also useful for level shifting, and as shown in
Figure 6, can be used to achieve the full input range of an
analog-to-digital converter (ADC).
FIGURE 6. REF1112 Provides a Level Shift to Achieve Full ADC Input Range.
I
BIAS
2.5V
1.25V
0.1
µF
10k
Ω
R
1
10k
Ω
R
2
10k
Ω
OPA347
0.01
µF
V
OUT = 1.25 (1 + R1 / R2)
V
S
R
SET
V
REF
V
IN
+V
−V
V
S
1.25V
0.1
µF
ADC
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com