Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
REF1112 Datasheet PDF - Texas Instruments
Part # REF1112
Download  REF1112 Download
File Size   788.44 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE

REF1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF1112 Datasheet PDF - Texas Instruments

Part # REF1112
Download  REF1112 Click to download

File Size   788.44 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE

REF1112 Datasheet (HTML) - Texas Instruments




Similar Part No. - REF1112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1112 BURR-BROWN-REF1112 Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
REF1112 TI2-REF1112 Datasheet
930Kb / 21P
REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
REVISED DECEMBER 2024
logo
Burr-Brown (TI)
REF1112AIDBZR BURR-BROWN-REF1112AIDBZR Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112AIDBZR TI2-REF1112AIDBZR Datasheet
930Kb / 21P
REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
REVISED DECEMBER 2024
More results


Similar Description - REF1112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1112 BURR-BROWN-REF1112 Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
1.25V Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
103Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_07 Datasheet
175Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
Unisonic Technologies
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com