Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
REF1112 Datasheet PDF - Texas Instruments
Part # REF1112
Download  REF1112 Download
File Size   798.62 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA

REF1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF1112 Datasheet PDF - Texas Instruments

Part # REF1112
Download  REF1112 Click to download

File Size   798.62 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA

REF1112 Datasheet (HTML) - Texas Instruments




Similar Part No. - REF1112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1112 BURR-BROWN-REF1112 Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
REF1112 TI2-REF1112 Datasheet
930Kb / 21P
REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
REVISED DECEMBER 2024
logo
Burr-Brown (TI)
REF1112AIDBZR BURR-BROWN-REF1112AIDBZR Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112AIDBZR TI-REF1112AIDBZR Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
More results


Similar Description - REF1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Nell Semiconductor Co.,...
D1600C NELLSEMI-D1600C Datasheet
225Kb / 5P
Wide current range
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
logo
Power Mate Technology C...
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
UDS03 P-DUKE-UDS03_15 Datasheet
685Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
logo
Foshan Blue Rocket Elec...
BRMAC97A6MC FOSHAN-BRMAC97A6MC Datasheet
853Kb / 7P
Triac in a SOT23-3 Plastic Package
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com