Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF1112
Description  MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF1112 Datasheet(HTML) 1 Page - Texas Instruments

  REF1112 Datasheet HTML 1Page - Texas Instruments REF1112 Datasheet HTML 2Page - Texas Instruments REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REF1112
SBOS283C – SEPTEMBER 2003 – REVISED MARCH 2008
www.ti.com
FEATURES
q MICRO-PACKAGE: SOT23-3
q WIDE CURRENT RANGE: 1
µA to 5mA
q HIGH INITIAL ACCURACY: 0.2%
q EXCELLENT SPECIFIED DRIFT
PERFORMANCE:
30ppm/
°C (max) from 0°C to +70°C
50ppm/
°C (max) from –40°C to +85°C
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2003-2008, Texas Instruments Incorporated
10ppm/
°C, 1µA, 1.25V
SHUNT VOLTAGE REFERENCE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
APPLICATIONS
q BATTERY-POWERED INSTRUMENTS
q PORTABLE DEVICES
q MEDICAL EQUIPMENT
q CURRENT SOURCES
q CALIBRATORS
q MICROPOWER CURRENT AND VOLTAGE
REFERENCE
DESCRIPTION
The REF1112 is a two-terminal shunt reference designed for
power- and space-sensitive applications. The REF1112
features an operating current of 1mA in a SOT23-3 package
and is an improved, lower power solution for designs
currently using voltage references in larger packages, such
as the REF1004 and LT1004. The REF1112 is specified
from –40
°C to +85°C with operation extending from –40°C to
+125
°C.
The REF1112 complements other 1
µA components from
Texas Instruments including the OPA349 and the TLV240x
low-power operational amplifiers, and the TLV349x
micropower voltage comparator.
1
2
3NC
SOT23
GND
VO
NC indicates pin should be left unconnected.
R
BIAS
V
S
V
OUT
I
REF + ILOAD
I
REF
R
LOAD
I
LOAD
R
BIAS =
V
S − VD
I
LOAD + IREF


Similar Part No. - REF1112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1112 BURR-BROWN-REF1112 Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
REF1112 TI2-REF1112 Datasheet
930Kb / 21P
REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
REVISED DECEMBER 2024
logo
Burr-Brown (TI)
REF1112AIDBZR BURR-BROWN-REF1112AIDBZR Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112AIDBZR TI-REF1112AIDBZR Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
More results

Similar Description - REF1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Nell Semiconductor Co.,...
D1600C NELLSEMI-D1600C Datasheet
225Kb / 5P
Wide current range
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
Current Limited Load Switch in a SOT23 Package
logo
Power Mate Technology C...
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
UDS03 P-DUKE-UDS03_15 Datasheet
685Kb / 4P
2:1 WIDE INPUT RANGE UP TO 3 Watts
logo
Foshan Blue Rocket Elec...
BRMAC97A6MC FOSHAN-BRMAC97A6MC Datasheet
853Kb / 7P
Triac in a SOT23-3 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com