Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF1112
Description  MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF1112 Datasheet(HTML) 3 Page - Texas Instruments

  REF1112 Datasheet HTML 1Page - Texas Instruments REF1112 Datasheet HTML 2Page - Texas Instruments REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
REF1112
3
SBOS283C
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, IREF = 10µA and CLOAD = 10nF, unless otherwise noted.
REVERSE CHARACTERISTICS
Reverse Voltage (V)
0.75
0.50
0.25
1.00
1.25
1.50
0.00
100
10
1
0.1
0.01
1K
10K
−40°C ≤ T
A ≤ 125°C
Voltage Regulation
Region
FORWARD CHARACTERISTICS
Forward Current (mA)
1.0
0.1
0.01
10
0.001
1.0
0.8
0.6
0.4
0.2
0.0
T
A = 25°C
Behaves as standard
silicon diode
TEMPERATURE DRIFT
Temperature (
°C)
5
−15
−35
25
45
65
−55
85
105
125
1.255
1.254
1.253
1.252
1.251
1.250
1.249
1.248
REVERSE VOLTAGE CHANGE vs CURRENT
Reverse Current (mA)
0.001
0.5
0.01
0.1
1
10
0.4
0.3
0.2
0.1
0.0
−40°C ≤ T
A ≤ 125°C
REVERSE DYNAMIC IMPEDANCE
Reverse Current (mA)
0.1
0.01
0.001
1
10
0.1
0.01
1
10
100
−40°C ≤ T
A ≤ 125°C
f = 10Hz
REVERSE DYNAMIC IMPEDANCE
Frequency (Hz)
100
10
1
1k
10k
0.1
0.01
1
10
100
1k
10k
100k
T
A = +25°C
I
REF = 5mA
I
REF = 10µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com