Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF1112
Description  MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF1112 Datasheet(HTML) 2 Page - Texas Instruments

  REF1112 Datasheet HTML 1Page - Texas Instruments REF1112 Datasheet HTML 2Page - Texas Instruments REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
REF1112
2
SBOS283C
www.ti.com
REVERSE BREAKDOWN VOLTAGE
IREF = 1.2µA
1.2475
1.25
1.2525
V
–0.2
+0.2
%
TEMPERATURE COEFFICIENT
1.2
µA ≤ I
REF ≤ 5mA, 0°C to +70°C10
30
ppm/
°C
1.5
µA ≤ I
REF ≤ 5mA, –40°C to +85°C15
50
ppm/
°C
1.5
µA ≤ I
REF ≤ 5mA, –40°C to +125°C15
ppm/
°C
MINIMUM OPERATING CURRENT
1
1.2
µA
REVERSE BREAKDOWN VOLTAGE
30
100
ppm/mA
CHANGE WITH CURRENT
1.2
µA ≤ I
REF ≤ 5mA
REVERSE DYNAMIC IMPEDANCE
1.2
µA ≤ I
REF ≤ 5mA
0.037
0.125
Ω
LOW-FREQUENCY NOISE(1)
0.1Hz
≤ I
REF ≤ 10Hz
25
µV
PP
THERMAL HYSTERESIS(2)
100
ppm
LONG-TERM STABILITY
+25
°C ± 0.1°C
60
ppm/kHr
TEMPERATURE CHARACTERISTICS
Specified Range
–40
+125
°C
Operating Range
–40
+125
°C
Storage Range
–40
+150
°C
Thermal Resistance
θ
JA
SOT23-3 Surface-Mount
135
°C/W
(1) Peak-to-peak noise is measured with a 2-pole high-pass filter at 0.1Hz and a 4-pole, low-pass Chebyshev filter at 10Hz.
(2) Thermal hysteresis is defined as the change in output voltage after operating the device at +25
°C, cycling the device through the specified temperature range,
and returning to +25
°C.
Reverse Breakdown Current ............................................................ 10mA
Forward Current ................................................................................ 10mA
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ...................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
(1) Stresses above these ratings may cause permanent damage. Exposure to
absolute maximum conditions for extended periods may degrade device
reliability. These are stress ratings only, and functional operation of the device
at these or any other conditions beyond those specified is not implied.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from
performance degradation to complete device failure. Texas
Instruments recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
REF1112
SOT23-3
DBZ
–40
°C to +125°C
R11A
REF1112AIDBZT
Tape and Reel, 250
""
"
"
"
REF1112AIDBZR
Tape and Reel, 3000
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, IREF = 1.2µA and CLOAD = 10nF, unless otherwise noted.
REF1112 - 1.25V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com