Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet (PDF) - Texas Instruments

REF1112 Datasheet PDF - Texas Instruments
Part # REF1112
Download  REF1112 Download
File Size   930.96 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference

REF1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF1112 Datasheet PDF - Texas Instruments

Part # REF1112
Download  REF1112 Click to download

File Size   930.96 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference

REF1112 Datasheet (HTML) - Texas Instruments


REF1112 Product details

1 Features
• Small package: SOT23-3
• Fixed reverse breakdown voltage of 1.25V
• Key specifications
– Output voltage tolerance: ±0.2% (maximum)
– Low output noise (0.1Hz to 10Hz): 25μVpp
(typical)
– Temperature range: −40°C to +125°C
– Operating current range: 1.2μA to 5mA
– Low temperature coefficient from 0°C to +70°C:
30ppm/°C (maximum)
– Low temperature coefficient from –40°C to
+85°C: 50ppm/°C (maximum)

2 Applications
• Battery-powered instruments
• Building security sensors
• Medical equipment
• Field transmitters
• Calibrators

3 Description
The REF1112 device is a two-terminal shunt reference
designed for power and space sensitive applications.
The REF1112 features an operating current of 1μA
in a SOT23-3 package and is an improved, lower
power voltage reference for designs currently using
voltage references in larger packages, such as the
REF1004 and LT1004. The REF1112 is specified from
–40°C to +85°C with operation extending from –40°C
to +125°C.
The REF1112 complements other 1μA components
from Texas Instruments including the OPA349 and
TLV240x low-power operational amplifiers, and the
TLV349x micropower voltage comparator.




Similar Part No. - REF1112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1112 BURR-BROWN-REF1112 Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
REF1112 TI-REF1112 Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF1112AIDBZR BURR-BROWN-REF1112AIDBZR Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
Texas Instruments
REF1112AIDBZR TI-REF1112AIDBZR Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
More results


Similar Description - REF1112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1112 BURR-BROWN-REF1112 Datasheet
186Kb / 8P
10ppm/C, 1UA, 1.25V Shunt Voltage Reference
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
103Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_07 Datasheet
175Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
REF1112AIDBZRG4 TI-REF1112AIDBZRG4 Datasheet
788Kb / 13P
10ppm1A, 1.25V SHUNT VOLTAGE REFERENCE
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
Unisonic Technologies
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com