Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 9 Page - Texas Instruments

Part # REF1112
Description  REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1112 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments REF1112 Datasheet HTML 10Page - Texas Instruments REF1112 Datasheet HTML 11Page - Texas Instruments REF1112 Datasheet HTML 12Page - Texas Instruments REF1112 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
7.2.1.2 Detailed Design Procedure
When using the REF1112 as a reference, determine the following:
• Supply voltage range
• Current source resistance
• Reference voltage accuracy
To design using the REF1112, make sure that the VS is larger than VREF.
The resistor RBIAS sets the cathode current of the REF1112, IR. Make sure that this current remains in the
operational region of the part for the entire VS and load range.
Using this information, select a RBIAS such that:
IREFMIN < IREF < IREFMAX where IREFMAX = 5mA.
In this application the IREF is the operating current of the REF1112 plus the maximum possible ILOAD under
no-load conditions.
7.2.2 MicroPOWER 3μA, 1V Voltage Reference
0.1μF
3V
3V
V
REF
V
OUT = 1V
795k
Ω
250k
Ω
1M
Ω
REF1112
TLV2401
Copyright © 2018, Texas Instruments Incorporated
Figure 7-2. MicroPOWER 3μA, 1V Voltage Reference
7.2.2.1 Design Requirements
The REF1112 can be scaled to provide extremely low power reference voltages. Figure 7-2 shows the REF1112
used as a 1V VOUT, 3μA voltage reference.
7.2.2.2 Detailed Design Procedure
Set RBIAS such that the current through the shunt reference, IREF, is greater than IREFMIN + ILOAD.
Use a resistor divider to set the required voltage to the input of the amplifier. The TLV2401 requires an input bias
current maximum of 350pA which allows the use of larger resistor values to save power.
www.ti.com
REF1112
SBOS283E – SEPTEMBER 2003 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: REF1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com