Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 7 Page - Texas Instruments

Part # REF1112
Description  REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1112 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments REF1112 Datasheet HTML 10Page - Texas Instruments REF1112 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6 Detailed Description
6.1 Overview
The REF1112 is a 2-terminal bandgap reference diode designed for high accuracy with outstanding temperature
characteristics at low operating currents. Precision thin-film resistors result in 0.2% initial voltage accuracy and
50ppm/°C maximum temperature drift. The REF1112 is specified from –40°C to +85°C, with operation from
–40°C to +125°C, and is offered in a SOT23-3 package.
6.2 Functional Block Diagram
6.3 Feature Description
The REF1112 device is effectively a precision Zener diode. The part requires a small quiescent current for
regulation, and regulates the output voltage by shunting more or less current to ground, depending on input
voltage and load. The only external component requirement are an resistor between the cathode and the input
voltage to set the input current and an external capacitor at the output to maintain stability under varying loads.
6.4 Device Functional Modes
The REF1112 device is a fixed output voltage part where the feedback is internal. Therefore, the part can
only operate in a closed-loop mode and the output voltage cannot be adjusted. The output voltage remains
in regulation as long as IREF is between IREFMIN (see Electrical Characteristics) and IREFMAX is 5mA. A proper
selection of the external resistor for input voltage range and load current range maintains that these conditions
are met.
www.ti.com
REF1112
SBOS283E – SEPTEMBER 2003 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: REF1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com