Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF1112
Description  REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1112 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments REF1112 Datasheet HTML 10Page - Texas Instruments REF1112 Datasheet HTML 11Page - Texas Instruments REF1112 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
Typical connections for the REF1112 are shown in Figure 7-1. A minimum 1μA bias current is required to
maintain a stable output voltage and can be provided with a resistor connected to the supply voltage. IBIAS
depends on the values selected for RBIAS and VS, and varies as a sum of the minimum operating current and
the load current. To maintain stable operation, the value of RBIAS must be low enough to maintain the minimum
operating current at the minimum and maximum load and supply voltage levels.
A 0.1μF load capacitor is recommended to maintain stability under varying load conditions. A minimum 0.01μF
load capacitor is required for stable operation. Start-up time for the REF1112 is be affected, depending on
the value of load capacitance and the bias currents being used. A 1μF power-supply bypass capacitor is
recommended to minimize supply noise within the circuit. The REF1112 shunt voltage reference provides a
versatile function for low power and space-conservative applications.
7.2 Typical Applications
7.2.1 Shunt Regulator
I
BIAS
= I
REF
+ I
LOAD
V
S
V
REF
R
BIAS
I
LOAD
I
BIAS
=
V
S
− V
REF
R
BIAS
0.1 F
μ
I
REF
1 F
μ
Figure 7-1. Typical Connections
7.2.1.1 Design Requirements
Table 7-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Supply voltage
3V
Cathode current (IREF)
1.2µA
Load Current (ILOAD)
50uA
REF1112
SBOS283E – SEPTEMBER 2003 – REVISED DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com