Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF1112
Description  REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1112 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments REF1112 Datasheet HTML 10Page - Texas Instruments REF1112 Datasheet HTML 11Page - Texas Instruments REF1112 Datasheet HTML 12Page - Texas Instruments REF1112 Datasheet HTML 13Page - Texas Instruments REF1112 Datasheet HTML 14Page - Texas Instruments REF1112 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
7.2.5 Level Shift to Achieve Full ADC Input Range
The REF1112 is also useful for level shifting, and as shown in Figure 7-5, can be used to achieve the full input
range of an analog-to-digital converter (ADC).
V
REF
V
IN
+V
−V
V
S
1.25V
0.1μF
ADC
V
OUT
Figure 7-5. REF1112 Provides a Level Shift to Achieve Full ADC Input Range
7.2.6 Stable Current Source
The REF1112 can be configured with an additional diode and NPN transistor to provide a temperature
compensated current reference as shown in Figure 7-6.
V
S
I
SET
0.1 μF
R
SET
10k
Ω
I
SET =
V
REF
R
SET
Figure 7-6. REF1112 as a Stable Current Source
7.3 Power Supply Recommendations
While a bypass capacitor is not required on the input voltage line, TI recommends reducing noise on the input
which can affect the output. A 0.1μF ceramic capacitor or larger is recommended.
7.4 Layout
7.4.1 Layout Guidelines
Place decoupling capacitors as close to the device as possible. Use appropriate widths for traces when shunting
high currents to avoid excessive voltage drops.
www.ti.com
REF1112
SBOS283E – SEPTEMBER 2003 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: REF1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com