Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF1112
Description  REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1112 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments REF1112 Datasheet HTML 10Page - Texas Instruments REF1112 Datasheet HTML 11Page - Texas Instruments REF1112 Datasheet HTML 12Page - Texas Instruments REF1112 Datasheet HTML 13Page - Texas Instruments REF1112 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
7.2.3 2.5V Reference on 1μA
0.1 F
μ
3V
R
LOAD
V
OUT = 2.5V
0.1 F
μ
R
SET
Figure 7-3. 2.5V Reference on 1μA
7.2.3.1 Design Requirements
Create a 2.5V reference that consumes 1µA of IREF.
7.2.3.2 Detailed Design Procedure
Figure 7-3 shows the REF1112 used as a 2.5V reference on 1μA. This is done by stacking the REF1112 in
series.
VOUT = 2 × VREF
(1)
where
• VREF is the reference voltage
In this case, VOUT = 2 × 1.25V = 2.5V
The IBIAS is still 1µA because the stacked REF1112 are in series.
7.2.4 Adjustable Voltage Shunt Reference
For applications requiring a stable voltage reference capable of sinking higher than 5mA of current, a REF1112
combined with an OPA347 can sink up to 10mA of current. This configuration is shown in Figure 7-4, and
through appropriate selection of R1 and R2, can be used to provide a wide range of stable reference voltages.
I
BIAS
2.5V
1.25V
0.1 F
μ
10k
Ω
R
1
10k
Ω
R
2
10k
Ω
OPA347
0.01 F
μ
V
OUT = 1.25 (1 + R1 / R2)
V
S
R
SET
Copyright © 2018, Texas Instruments Incorporated
Figure 7-4. Adjustable Voltage Shunt Reference
REF1112
SBOS283E – SEPTEMBER 2003 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com