Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF1112
Description  REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF1112 Datasheet HTML 2Page - Texas Instruments REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments REF1112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5.6 Typical Characteristics (continued)
At TA = +25°C, IREF = 10μA and CLOAD = 10nF, unless otherwise noted.
Reverse Breakdown Voltage (V)
1.2475
1.2500
1.2525
25
20
15
10
5
0
Figure 5-7. Reverse Breakdown Voltage Distribution
TEMPERATURE DRIFT DISTRIBUTION
Drift (ppm/°C)
0
5
10
15
20
25
30
35
50
40
30
20
10
0
0°C to +70°C
Figure 5-8. Temperature Drift Distribution
Drift (ppm/°C)
25
20
15
10
5
0
−40°
°
C to +85 C
0
5
10
15
20
25
30
35
40
45
50
Figure 5-9. Temperature Drift Distribution
LOW-FREQUENCY NOISE, 0.1 to 10Hz
1.0s/div
Figure 5-10. Low-Frequency Noise, 0.1 to 10Hz
10ms/div
2V
1V
0V
5V
0V
C
LOAD = 0.01μF
V
OUT
V
IN
0.01μF
V
OUT
V
IN
375k
Ω
Figure 5-11. Response Time
25ms/div
2V
1V
0V
5V
0V
C
LOAD = 0.1μF
V
OUT
V
IN
0.1μF
V
OUT
V
IN
I
REF
375k
Ω
Figure 5-12. Response Time
REF1112
SBOS283E – SEPTEMBER 2003 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com