Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 4 Page - Texas Instruments

Part # REF1112
Description  REF1112 10ppm/°C, 1μA, 1.25V Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF1112 Datasheet(HTML) 4 Page - Texas Instruments

  REF1112 Datasheet HTML 1Page - Texas Instruments REF1112 Datasheet HTML 2Page - Texas Instruments REF1112 Datasheet HTML 3Page - Texas Instruments REF1112 Datasheet HTML 4Page - Texas Instruments REF1112 Datasheet HTML 5Page - Texas Instruments REF1112 Datasheet HTML 6Page - Texas Instruments REF1112 Datasheet HTML 7Page - Texas Instruments REF1112 Datasheet HTML 8Page - Texas Instruments REF1112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
REF1112
UNIT
DBZ (SOT-23)
3 PINS
RθJA
Junction-to-ambient thermal resistance
219
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
99
°C/W
RθJB
Junction-to-board thermal resistance
79
°C/W
ψJT
Junction-to-top characterization parameter
6.7
°C/W
ψJB
Junction-to-board characterization parameter
79.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
VR = 1.25V, TA = +25°C, IREF = 1.2μA and CLOAD = 10nF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VR
Reverse breakdown voltage
IREF = 1.2µA
1.2475
1.25
1.2525
V
–0.2%
0.2%
ΔVR
Temperature coefficient
1.2μA ≤ IREF ≤ 5mA, TA = 0°C to
+70°C
10
30
ppm/°C
1.5μA ≤ IREF ≤ 5mA, TA = –40°C to
+85°C
15
50
1.5μA ≤ IREF ≤ 5mA, TA = –40°C to
+125°C
15
IRMIN
Minimum operating current
1
1.2
µA
ΔVR/ΔIR
Reverse breakdown voltage change
with current
1.2μA ≤ IREF ≤ 5mA
100
150
ppm/mA
ZR
Reverse dynamic impedance
1.2μA ≤ IREF ≤ 5mA
0.135
0.2
Ω
eN
Low-frequency noise(1)
0.1Hz ≤ IREF ≤ 10Hz
25
μVPP
VHYST
Thermal hysteresis(2)
100
ppm
ΔVR
Long-term stability
+25°C ± 0.1°C
60
ppm/kHr
(1)
Peak-to-peak noise is measured with a 2-pole high-pass filter at 0.1Hz and a 4-pole, low-pass Chebyshev filter at 10Hz.
(2)
Thermal hysteresis is defined as the change in output voltage after operating the device at +25°C, cycling the device through the
specified temperature range, and returning to +25°C.
REF1112
SBOS283E – SEPTEMBER 2003 – REVISED DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF1112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com