Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M2CPWR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M2CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLC27M2CPWR Datasheet HTML 1Page - Texas Instruments TLC27M2CPWR Datasheet HTML 2Page - Texas Instruments TLC27M2CPWR Datasheet HTML 3Page - Texas Instruments TLC27M2CPWR Datasheet HTML 4Page - Texas Instruments TLC27M2CPWR Datasheet HTML 5Page - Texas Instruments TLC27M2CPWR Datasheet HTML 6Page - Texas Instruments TLC27M2CPWR Datasheet HTML 7Page - Texas Instruments TLC27M2CPWR Datasheet HTML 8Page - Texas Instruments TLC27M2CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The TLC27M2 and TLC27M7 dual operational amplifiers combine a wide range of input offset voltage grades
with low offset voltage drift, high input impedance, low noise, and speeds approaching that of general-purpose
bipolar devices.These devices use Texas Instruments silicon-gate LinCMOS technology, which provides offset
voltage stability far exceeding the stability available with conventional metal-gate processes.
The extremely high input impedance, low bias currents, and high slew rates make these cost-effective devices
ideal for applications which have previously been reserved for general-purpose bipolar products, but with only
a fraction of the power consumption. Four offset voltage grades are available (C-suffix and I-suffix types),
ranging from the low-cost TLC27M2 (10 mV) to the high-precision TLC27M7 (500
µV). These advantages, in
combination with good common-mode rejection and supply voltage rejection, make these devices a good
choice for new state-of-the-art designs as well as for upgrading existing designs.
In general, many features associated with bipolar technology are available on LinCMOS operational amplifiers,
without the power penalties of bipolar technology. General applications such as transducer interfacing, analog
calculations, amplifier blocks, active filters, and signal buffering are easily designed with the TLC27M2 and
TLC27M7. The devices also exhibit low voltage single-supply operation, making them ideally suited for remote
and inaccessible battery-powered applications. The common-mode input voltage range includes the negative
rail.
A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density
system applications.
The device inputs and outputs are designed to withstand −100-mA surge currents without sustaining latch-up.
The TLC27M2 and TLC27M7 incorporate internal ESD-protection circuits that prevent functional failures at
voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in
handling these devices as exposure to ESD may result in the degradation of the device parametric performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from − 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of −55
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com