Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2CPWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M2CPWR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M2CPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC27M2CPWR Datasheet HTML 21Page - Texas Instruments TLC27M2CPWR Datasheet HTML 22Page - Texas Instruments TLC27M2CPWR Datasheet HTML 23Page - Texas Instruments TLC27M2CPWR Datasheet HTML 24Page - Texas Instruments TLC27M2CPWR Datasheet HTML 25Page - Texas Instruments TLC27M2CPWR Datasheet HTML 26Page - Texas Instruments TLC27M2CPWR Datasheet HTML 27Page - Texas Instruments TLC27M2CPWR Datasheet HTML 28Page - Texas Instruments TLC27M2CPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
100 k
10 k
1 k
100
10
1 M
0
Phase Shift
VDD = 10 V
RL = 100 kΩ
TA = 25°C
180
°
0
°
30
°
60
°
90
°
120
°
150
°
10 6
10 5
10 4
10 3
10 2
10
1
0.1
f − Frequency − Hz
10 7
LARGE-SCALE DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
AVD
Figure 33
Figure 34
0
38
°
VDD − Supply Voltage − V
16
50
°
2
4
6
8
10
12
14
40
°
42
°
44
°
46
°
48
°
See Figure 3
TA = 25°C
CL = 20 pF
VI = 10 mV
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 35
−75
35
°
TA − Free-Air Temperature − C
125
45
°
−50
−25
0
25
50
75
100
37
°
39
°
41
°
43
°
VDD = 5 V
VI = 10 mV
CL = 20 pF
See Figure 3
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com