Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2CPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M2CPWR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M2CPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLC27M2CPWR Datasheet HTML 1Page - Texas Instruments TLC27M2CPWR Datasheet HTML 2Page - Texas Instruments TLC27M2CPWR Datasheet HTML 3Page - Texas Instruments TLC27M2CPWR Datasheet HTML 4Page - Texas Instruments TLC27M2CPWR Datasheet HTML 5Page - Texas Instruments TLC27M2CPWR Datasheet HTML 6Page - Texas Instruments TLC27M2CPWR Datasheet HTML 7Page - Texas Instruments TLC27M2CPWR Datasheet HTML 8Page - Texas Instruments TLC27M2CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC27M2C
TLC27M2AC
TLC27M2BC
TLC27M7C
UNIT
A
MIN
TYP
MAX
TLC27M2C
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
TLC27M2C
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RI = 100 kΩ
Full range
12
mV
TLC27M2AC
VO = 1.4 V,
VIC = 0,
25
°C
0.9
5
mV
VIO
Input offset voltage
TLC27M2AC
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RI = 100 kΩ
Full range
6.5
VIO
Input offset voltage
TLC27M2BC
VO = 1.4 V,
VIC = 0,
25
°C
220
2000
TLC27M2BC
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RI = 100 kΩ
Full range
3000
V
TLC27M7C
VO = 1.4 V,
VIC = 0,
25
°C
185
500
µV
TLC27M7C
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RI = 100 kΩ
Full range
1500
αVIO
Average temperature coefficient of input
offset voltage
25
°C to
70
°C
1.7
µV/°C
IIO
Input offset current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
25
°C
0.1
60
pA
IIO
Input offset current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
70
°C
7
300
pA
IIB
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
25
°C
0.6
60
pA
IIB
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
70
°C
40
600
pA
VICR
Common-mode input voltage range
25
°C
− 0.2
to
4
− 0.3
to
4.2
V
VICR
Common-mode input voltage range
(see Note 5)
Full range
− 0.2
to
3.5
V
25
°C
3.2
3.9
VOH
High-level output voltage
VID = 100 mV,
RL = 100 kΩ
0
°C
3
3.9
V
VOH
High-level output voltage
VID = 100 mV,
RL = 100 kΩ
70
°C
3
4
V
25
°C
0
50
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
0
°C
0
50
mV
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 0
70
°C
0
50
mV
Large-signal differential voltage
25
°C
25
170
AVD
Large-signal differential voltage
amplification
VO = 0.25 V to 2 V,
RL = 100 kΩ
0
°C
15
200
V/mV
AVD
amplification
VO = 0.25 V to 2 V,
RL = 100 kΩ
70
°C
15
140
V/mV
25
°C
65
91
CMRR
Common-mode rejection ratio
VIC = VICRmin
0
°C
60
91
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
70
°C
60
92
dB
Supply-voltage rejection ratio
25
°C
70
93
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
0
°C
60
92
dB
kSVR
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
70
°C
60
94
dB
VO = 2.5 V,
VIC = 2.5 V,
25
°C
210
560
IDD
Supply current (two amplifiers)
VO = 2.5 V,
No load
VIC = 2.5 V,
0
°C
250
640
µA
IDD
Supply current (two amplifiers)
No load
70
°C
170
440
µA
† Full range is 0°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com