Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2CPWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC27M2CPWRG4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M2CPWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC27M2CPWRG4 Datasheet HTML 1Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 2Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 3Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 4Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 5Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 6Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 7Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC27M7 . . . 500
µV Max at 25°C,
VDD = 5 V
D Input Offset Voltage Drift ...Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Ranges:
0
°C to 70°C...3 V to 16 V
−40
°C to 85°C...4 V to 16 V
−55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
D Low Noise ...Typically 32 nV/√Hz at
f = 1 kHz
D Low Power ...Typically 2.1 mW at 25°C,
VDD = 5 V
D Output Voltage Range Includes Negative
Rail
D High Input impedance ...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VCC
2OUT
2IN −
2IN +
D, JG, P OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN −
NC
NC
1IN −
NC
1IN +
NC
FK PACKAGE
(TOP VIEW)
NC − No internal connection
− 800
VIO − Input Offset Voltage − µV
30
800
0
− 400
0
400
5
10
15
20
25
TA = 25°C
P Package
DISTRIBUTION OF TLC27M7
INPUT OFFSET VOLTAGE
340 Units Tested From 2 Wafer Lots
VDD = 5 V
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
TSSOP
(PW)
500
µV
TLC27M7CD
—
—
TLC27M7CP
—
0
°C to 70°C
2 mV
TLC27M2BCD
—
—
TLC27M2BCP
—
0
°C to 70°C
5 mV
TLC27M2ACD
—
—
TLC27M2ACP
—
10 mV
TLC27M2CD
—
—
TLC27M2CP
TLC27M2CPW
500
µV
TLC27M7ID
—
—
TLC27M7IP
—
−40
°C to 85°C
2 mV
TLC27M2BID
—
—
TLC27M2BIP
—
−40
°C to 85°C
5 mV
TLC27M2AID
—
—
TLC27M2AIP
—
10 mV
TLC27M2ID
—
—
TLC27M2IP
TLC27M2IPW
−55
°C to 125°C
500
µV
TLC27M7MD
TLC27M7MFK
TLC27M7MJG
TLC27M7MP
—
−55
°C to 125°C
10 mV
TLC27M2MD
TLC27M2MFK
TLC27M2MJG
TLC27M2MP
—
The D and PW package are available taped and reeled. Add R suffix to the device type (e.g.,TLC27M7CDR). For the most current package and
ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
Copyright
 1987 − 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - TLC27M2CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27M2CPWR TI-TLC27M2CPWR Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27M2CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272 TI-TLC272 Datasheet
588Kb / 36P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com