Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2CPWRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC27M2CPWRG4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M2CPWRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC27M2CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
input bias current
Because of the high input impedance of the TLC27M2 and TLC27M7 operational amplifiers, attempts to
measure the input bias current can result in erroneous readings. The bias current at normal room ambient
temperature is typically less than 1 pA, a value that is easily exceeded by leakages on the test socket. Two
suggestions are offered to avoid erroneous measurements:
1.
Isolate the device from other potential leakage sources. Use a grounded shield around and between the
device inputs (see Figure 4). Leakages that would otherwise flow to the inputs are shunted away.
2.
Compensate for the leakage of the test socket by actually performing an input bias current test (using
a picoammeter) with no device in the test socket. The actual input bias current can then be calculated
by subtracting the open-socket leakage readings from the readings obtained with a device in the test
socket.
One word of caution—many automatic testers as well as some bench-top operational amplifier testers
use the servo-loop technique with a resistor in series with the device input to measure the input bias
current (the voltage drop across the series resistor is measured and the bias current is calculated). This
method requires that a device be inserted into the test socket to obtain a correct reading; therefore, an
open-socket reading is not feasible using this method.
V = VIC
4
1
5
8
85
Figure 4. Isolation Metal Around Device Inputs (JG and P packages)
low-level output voltage
To obtain low-supply-voltage operation, some compromise was necessary in the input stage. This compromise
results in the device low-level output being dependent on both the common-mode input voltage level as well
as the differential input voltage level. When attempting to correlate low-level output readings with those quoted
in the electrical specifications, these two conditions should be observed. If conditions other than these are to
be used, please refer to Figures 14 through 19 in the Typical Characteristics of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com