Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC27M2CPWRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC27M2CPWRG4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27M2CPWRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC27M2CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 16Page - Texas Instruments TLC27M2CPWRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
TLC27M2, TLC27M2A, TLC27M2B, TLC27M7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC27M2M
TLC27M7M
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
0.43
R = 100 k ,
VI(PP) = 1 V
−55
°C
0.54
SR
Slew rate at unity gain
RL = 100 kΩ,
CL = 20 pF,
VI(PP) = 1 V
125
°C
0.29
V/ s
SR
Slew rate at unity gain
L
CL = 20 pF,
See Figure 1
25
°C
0.40
V/
µs
See Figure 1
VI(PP) = 2.5 V
−55
°C
0.49
VI(PP) = 2.5 V
125
°C
0.28
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
32
nV/
√Hz
VO = VOH,
CL = 20 pF,
25
°C
55
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 100 kΩ,
CL = 20 pF,
See Figure 1
−55
°C
80
kHz
BOM
Maximum output-swing bandwidth
RL = 100 kΩ, See Figure 1
125
°C
40
kHz
VI = 10 mV,
CL = 20 pF,
25
°C
525
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
−55
°C
850
kHz
B1
Unity-gain bandwidth
See Figure 3
125
°C
330
kHz
VI = 10 mV,
f = B1,
25
°C
40
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 3
−55
°C
44
°
φm
Phase margin
CL = 20 pF,
See Figure 3
125
°C
36
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC27M2M
TLC27M7M
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
0.62
R = 100 k ,
VI(PP) = 1 V
−55
°C
0.81
SR
Slew rate at unity gain
RL = 100 kΩ,
CL = 20 pF,
VI(PP) = 1 V
125
°C
0.38
V/ s
SR
Slew rate at unity gain
L
CL = 20 pF,
See Figure 1
25
°C
0.56
V/
µs
See Figure 1
VI(PP) = 5.5 V
−55
°C
0.73
VI(PP) = 5.5 V
125
°C
0.35
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
32
nV/
√Hz
VO = VOH,
CL = 20 pF,
25
°C
35
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 100 kΩ,
CL = 20 pF,
See Figure 1
−55
°C
50
kHz
BOM
Maximum output-swing bandwidth
RL = 100 kΩ, See Figure 1
125
°C
20
kHz
VI = 10 mV,
CL = 20 pF,
25
°C
635
B1
Unity gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
−55
°C
960
kHz
B1
Unity gain bandwidth
See Figure 3
125
°C
440
kHz
VI = 10 mV,
f = B1,
25
°C
43
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 3
−55
°C
47
°
φm
Phase margin
CL = 20 pF,
See Figure 3
125
°C
39
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com