Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 4 Page - Texas Instruments

  DM3725CBC Datasheet HTML 1Page - Texas Instruments DM3725CBC Datasheet HTML 2Page - Texas Instruments DM3725CBC Datasheet HTML 3Page - Texas Instruments DM3725CBC Datasheet HTML 4Page - Texas Instruments DM3725CBC Datasheet HTML 5Page - Texas Instruments DM3725CBC Datasheet HTML 6Page - Texas Instruments DM3725CBC Datasheet HTML 7Page - Texas Instruments DM3725CBC Datasheet HTML 8Page - Texas Instruments DM3725CBC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
1.2
Description
The DM37x generation of high-performance, digital media processors are based on the enhanced device
architecture and are integrated on TI's advanced 45-nm process technology. This architecture is designed
to provide best in class ARM and Graphics performance while delivering low power consumption. This
balance of performance and power allow the device to support the following example applications:
•
Portable Data Terminals
•
Navigation
•
Auto Infotainment
•
Gaming
•
Medical Imaging
•
Home Automation
•
Human Interface
•
Industrial Control
•
Test and Measurement
•
Single board Computers
The device can support numerous HLOS and RTOS solutions including Linux and Windows Embedded
CE which are available directly from TI. Additionally, the device is fully backward compatible with previous
Cortex
™-A8 processors and OMAP™ processors.
This DM3730/25 Digital Media Processor data manual presents the electrical and mechanical
specifications for the DM3730/25 Digital Media Processor. The information contained in this data manual
applies to the commercial, industrial, and extended temperature versions of the DM3730/25 Digital Media
Processor unless otherwise indicated. It consists of the following sections:
•
A description of the DM3730/25 terminals: assignment, electrical characteristics, multiplexing, and
functional description
•
A presentation of the electrical characteristics requirements: power domains, operating conditions,
power consumption, and dc characteristics
•
The clock specifications: input and output clocks, DPLL and DLL
•
A description of thermal characteristics, device nomenclature, and mechanical data about the available
packaging
4
DM3730, DM3725 Digital Media Processors
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com