Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 2 Page - Texas Instruments

  DM3725CBC Datasheet HTML 1Page - Texas Instruments DM3725CBC Datasheet HTML 2Page - Texas Instruments DM3725CBC Datasheet HTML 3Page - Texas Instruments DM3725CBC Datasheet HTML 4Page - Texas Instruments DM3725CBC Datasheet HTML 5Page - Texas Instruments DM3725CBC Datasheet HTML 6Page - Texas Instruments DM3725CBC Datasheet HTML 7Page - Texas Instruments DM3725CBC Datasheet HTML 8Page - Texas Instruments DM3725CBC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Bus
•
Glueless Interface to Common Video
Decoders
– Up to 8 Chip Select Pins With
128M-Byte Address Space per Chip
•
Resize Engine
Select Pin
– Resize Images From 1/4x to 4x
– Glueless Interface to NOR Flash,
– Separate Horizontal/Vertical Control
NAND Flash (With ECC Hamming
– System Direct Memory Access (SDMA)
Code Calculation), SRAM and
Controller (32 Logical Channels With
Pseudo-SRAM
Configurable Priority)
– Flexible Asynchronous Protocol
– Comprehensive Power, Reset, and Clock
Control for Interface to Custom Logic
Management
(FPGA, CPLD, ASICs, etc.)
•
SmartReflexTM Technology
– Nonmultiplexed Address/Data Mode
•
Dynamic Voltage and Frequency Scaling
(Limited 2K-Byte Address Space)
(DVFS)
– 1.8-V I/O and 3.0-V (MMC1 only),
– ARM® Cortex™-A8 Core
0.9-V to 1.2-V Adaptive Processor Core
•
ARMv7 Architecture
Voltage
– TrustZone®
0.9-V to 1.1-V Adaptive Core Logic Voltage
– Thumb®-2
Note: These are default Operating
Performance Point (OPP) voltages and could
– MMU Enhancements
be optimized to lower values using
•
In-Order, Dual-Issue, Superscalar
SmartReflex AVS.
Microprocessor Core
– Commercial, Industrial, and Extended
•
NEON Multimedia Architecture
Temperature Grades
•
Over 2x Performance of ARMv6 SIMD
– Serial Communication
•
Supports Both Integer and Floating Point
•
5 Multichannel Buffered Serial Ports
SIMD
(McBSPs)
•
Jazelle® RCT Execution Environment
– 512 Byte Transmit/Receive Buffer
Architecture
(McBSP1/3/4/5)
•
Dynamic Branch Prediction with Branch
– 5K-Byte Transmit/Receive Buffer
Target Address Cache, Global History
(McBSP2)
Buffer, and 8-Entry Return Stack
– SIDETONE Core Support (McBSP2 and
•
Embedded Trace Macrocell (ETM)
3 Only) For Filter, Gain, and Mix
Support for Non-Invasive Debug
Operations
– ARM Cortex-A8 Memory Architecture:
– Direct Interface to I2S and PCM Device
•
32K-Byte Instruction Cache (4-Way
and T Buses
Set-Associative)
– 128 Channel Transmit/Receive Mode
•
32K-Byte Data Cache (4-Way
•
Four Master/Slave Multichannel Serial
Set-Associative)
Port Interface (McSPI) Ports
•
256K-Byte L2 Cache
•
High-Speed/Full-Speed/Low-Speed USB
– 32K-Byte ROM
OTG Subsystem (12-/8-Pin ULPI Interface)
– 64K-Byte Shared SRAM
•
High-Speed/Full-Speed/Low-Speed
– Endianess:
Multiport USB Host Subsystem
•
ARM Instructions - Little Endian
– 12-/8-Pin ULPI Interface or 6-/4-/3-Pin
•
ARM Data
– Configurable
Serial Interface
•
DSP Instructions/Data - Little Endian
•
One HDQ/1-Wire Interface
• Removable Media Interfaces:
•
Four UARTs (One with Infrared Data
– Three Multimedia Card (MMC)/ Secure Digital
Association [IrDA] and Consumer Infrared
(SD) With Secure Data I/O (SDIO)
[CIR] Modes)
• Test Interfaces
•
Three Master/Slave High-Speed
Inter-Integrated Circuit (I2C) Controllers
– IEEE-1149.1 (JTAG) Boundary-Scan
Compatible
– Camera Image Signal Processing (ISP)
– Embedded Trace Macro Interface (ETM)
•
CCD and CMOS Imager Interface
– Serial Data Transport Interface (SDTI)
•
Memory Data Input
• 12 32-bit General Purpose Timers
•
BT.601/BT.656 Digital YCbCr 4:2:2
(8-/10-Bit) Interface
• 2 32-bit Watchdog Timers
2
DM3730, DM3725 Digital Media Processors
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com