Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 44 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 40Page - Texas Instruments DM3725CBC Datasheet HTML 41Page - Texas Instruments DM3725CBC Datasheet HTML 42Page - Texas Instruments DM3725CBC Datasheet HTML 43Page - Texas Instruments DM3725CBC Datasheet HTML 44Page - Texas Instruments DM3725CBC Datasheet HTML 45Page - Texas Instruments DM3725CBC Datasheet HTML 46Page - Texas Instruments DM3725CBC Datasheet HTML 47Page - Texas Instruments DM3725CBC Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued)
BALL
BALL
BALL
RESET
BUFFER
PULLUP
BALL TOP
RESET
IO CELL
BOTTOM
PIN NAME [2]
MODE [3]
TYPE [4]
RESET
REL. MODE POWER [8] HYS [9]
STRENGTH /DOWN
[1]
REL.
[12]
[1]
STATE [5]
[7]
(mA) [10]
TYPE [11]
STATE [6]
G1, A13,
AB2, AB22,
No Connect
(2)
-
-
A14,A16,
B2, B22
A17, B14,
B16, B17,
C14, C15,
C17, D17,
D18, H9,
H10, H11,
H12, H13,
H14, H15,
H16, H17,
A4, A6, A7,
A9, A10,
A11, A19,
A20, A21,
B3, B4, B6,
B7, B9, B10,
B11, B13,
B19, B20,
B21, C1,C2,
C3, C4,C5,
C6, C8,C9,
C11, C12,
C18, C20,
C21, D1,
D2, D3, D4,
D5,D6, D11,
D12,D14,
D20, E1,E2,
AA26, AE27
Y17
NA
sys_xtalgnd
0
GND
U4
NA
cap_vdd_bb_
0
PWR
mpu_iva
V4
NA
cap_vdd_sram
0
PWR
_mpu_iva
L21
NA
cap_vdd_sram_core 0
PWR
(1) The usage of this GPIO is strongly restricted. For more information, see the GPIO chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
(2) Pins labeled as "No connect" must be left unconnected. Any connections to these pins may result in unpredictable behavior.
(3) NA in this table stands for "Not Applicable".
(4) The drive strength is fixed regardless of the load. The driver is designed to drive 75-ohm for video applications.
(5) PU = [50 to 100 k
Ω] per default or [10 to 50 kΩ] according to the selected mode.
For a full description of the pull-up drive strength programming, see the PRG_SDMMC_PUSTRENGTH configuration register bit field in
the System Control Module chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
PD: 30 to 150 k
Ω.
(6) The pullup and pulldown can be either the standard LVCMOS 100-
μA drive strength or the I2C pullup and pulldown described below:
Nominal resistance = 1.66 k
Ω in high-speed mode with a load range of 5 pF to 12 pF, 4.5 kΩ in standard / fast mode with a load range
of 5 pF to 15 pF.
(7) The default buffer configuration is High-Speed I2C point-to-point mode using internal pullup. For a full description of the pull drive
strength programming, see prg_i2c1_pullupresx, prg_i2c1_lb1lb0, and prg_sr_pullupresx, prg_sr_lb bits of the CONTROL_PROG_IO1,
CONTROL_PROG_IO_WKUP1 control modules in the System Control Module / SCM Programming Model / Feature Settings section
and the System Control Module chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4) to modify the IO settings if required by the targeted interface application.
(8) The default buffer configuration is standard LVCMOS mode (non-I2C). For a full description of the pull drive strength programming, see
PADCONFS bits of CONTROL_PADCONF_X control modules (standard LVCMOS mode), or prg_i2c2_pullupresx, prg_i2c2_lb1lb0, and
prg_i2c3_pullupresx, prg_i2c3_lb1lb0 bits of the CONTROL_PROG_IO2, CONTROL_PROG_IO3 control modules (I2C mode) in the
System Control Module chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4) to
modify the IO settings if required by the targeted interface application.
(9) These signals are feed-through balls. For more information, see Table 2-28.
(10) In buffer mode, the drive strength is fixed regardless of the load. The driver is designed to drive 75
Ω for video applications. In bypass
mode, the drive strength is 0.47 mA.
(11) Depending on the sys_clkreq direction the corresponding reset released state value can be:
–
Z if sys_clkreq is used as input
–
1 if sys_clkreq is used as output
For a full description of the sys_clkreq control, see Power, Reset, and Clock Management chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
(12) The drive strength of these IOs is set according to the programmable load range: 2 pF to 4 pF per default or 4 pF to 12 pF. For a full
description of the drive strength programming, see the System Control Module chapter of the AM/DM37x Multimedia Device Technical
44
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com