Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 190 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 190 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 186Page - Texas Instruments DM3725CBC Datasheet HTML 187Page - Texas Instruments DM3725CBC Datasheet HTML 188Page - Texas Instruments DM3725CBC Datasheet HTML 189Page - Texas Instruments DM3725CBC Datasheet HTML 190Page - Texas Instruments DM3725CBC Datasheet HTML 191Page - Texas Instruments DM3725CBC Datasheet HTML 192Page - Texas Instruments DM3725CBC Datasheet HTML 193Page - Texas Instruments DM3725CBC Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
6.5
Multimedia Interfaces
6.5.1
Camera ISP2P Interface
NOTE
For more information, see Camera ISP chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
The camera subsystem provides the system interfaces and the processing capability to connect raw, YUV
or JPEG image sensor modules to the device for video-preview, video-record and still-image-capture
applications.
The camera ISP2P subsystem supports up to two simultaneous pixel flows but only one of them can use
the video processing hardware:
•
Parallel camera interface + Serial camera interface: one interface data goes through the video
processing hardware. The other interface data goes directly to memory
•
Serial camera interface + Serial camera interface: one serial interface data goes through the video
processing
hardware.
The
other
serial
interface
data
goes
directly
to
memory.
The camera ISP2P subsystem supports different camera configurations:
•
10-bit Parallel interface
•
12-bit Parallel interface
•
12-bit Parallel interface
Note: For more information, see the Camera ISP / Camera ISP Environment / Camera ISP Connectivity
Schemes section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
6.5.1.1
Camera Output Clocks (cam_xclka and cam_xclkb)
Table 6-22. ISP2P cam_xclka and cam_xclkb Output Clocks Switching Characteristics
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
ISP15
1 / tc(xclk)
Frequency(1), output clock cam_xclkn(4)
216
216
MHz
ISP16
tw(xclkH)
Typical pulse duration, output clock
0.5P(2)
0.5P(2)
ns
cam_xclkn(4) high
ISP16
tw(xclkL)
Typical pulse duration, output clock
0.5P(2)
0.5P(2)
ns
cam_xclkn(4) low
tdc(xclk)
Duty cycle error, output clock cam_xclkn(4)
0.5 * P(2) - 2.083
0.5 * P(2) - 2.083
ps
tJ(xclk)
Cycle jitter(3), output clock cam_xclkn(4)
0.044 * P(2)
0.044 * P(2)
ps
tR(xclk)
Rise time, output clock cam_xclkn(4)
0.93
0.93
ns
tF(xclk)
Fall time, output clock cam_xclkn(4)
0.93
0.93
ns
(1) Related with the cam_xclkn(4) maximum and minimum frequencies programmable in the ISP module.
NOTE: You must disable the camera sensor or the camera module to change the frequency configuration. For more information, see the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(2) P = cam_xclkn(4) period in ns
(3) Maximum cycle jitter supported by cam_xclka and cam_xclkb output clocks.
(4) In cam_xclkn, n is equal to a or b.
190
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com