Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 239 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 239 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 235Page - Texas Instruments DM3725CBC Datasheet HTML 236Page - Texas Instruments DM3725CBC Datasheet HTML 237Page - Texas Instruments DM3725CBC Datasheet HTML 238Page - Texas Instruments DM3725CBC Datasheet HTML 239Page - Texas Instruments DM3725CBC Datasheet HTML 240Page - Texas Instruments DM3725CBC Datasheet HTML 241Page - Texas Instruments DM3725CBC Datasheet HTML 242Page - Texas Instruments DM3725CBC Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 6-99. I2C Correspondence Standard vs Data Manual Timing References
TI
STANDARD-I2C
Standard/Fast Modes
High-Speed Mode
fscl
FSCL
FSCLH
I1
tw(sclH)
THIGH
THIGH
I2
tw(sclL)
TLOW
TLOW
I3
tsu(sdaV-sclH)
TSU;DAT
TSU;DAT
I4
th(sclH-sdaV)
TSU;DAT
TSU;DAT
I5
tsu(sdaL-sclH)
TSU;STA
TSU;STA
I6
th(sclH-sdaH)
THD;STA
THD;STA
I7
th(sclH-RSTART)
TSU;STO
TSU;STO
I8
tw(sdaH)
TBUF
6.6.6
HDQ / 1-Wire Interface (HDQ/1-Wire)
NOTE
For more information, see HDQ/1-Wire / HDQ/1-Wire chapter of the AM/DM37x Multimedia
Device Technical Reference Manual (literature number SPRUGN4).
The module is intended to work with both HDQ and 1-Wire protocols. The protocols use a single wire to
communicate between the master and the slave. The protocols employ an asynchronous return to one
mechanism where, after any command, the line is pulled high.
6.6.6.1
HDQ/1-Wire
—HDQ Mode
Table 6-100 and Table 6-102 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-55 through Figure 6-59).
Table 6-100. HDQ Interface Read Timing
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
tCYCH
Read bit window timing
190
250
μs
tHW1
Read one data valid after HDQ low
32(2)
66(2)
μs
tHW0
Read zero data hold after HDQ low
70(2)
145(2)
μs
tRSPS
Response time from HDQ slave device(1)
190
320
μs
(1) Defined by software
(2) If the HDQ slave device drives a logic-low state after tHW0 max, it can be interpreted as a break pulse. For more information see
Table 6-101 and the HDQ/1-Wire chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
Table 6-101. HDQ Sampling Cases(1)
CASES
FIRST SAMPLING (at 68
µs)
SECOND SAMPLING (at 180
µs)
1
L (logic-low state)
L (logic-low state)
2
L (logic-low state)
H (logic-high state)
3
H (logic-high state)
L (logic-low state)
4
H (logic-high state)
H (logic-high state)
(1) The different cases can be interpreted as follows:
–
Case 1: If a logic-low state is present at the first sampling time and also at the second sampling time, the receive data can be
interpreted as a break pulse.
–
Case 2: If a logic-low state is present at the first sampling time and a logic-high state is present at the second sampling time, the
receive data on the line is a zero (data).
–
Case 3: Undefined.
–
Case 4: If a logic-high state is present at the first sampling time and also at the second sampling time, the receive data on the line is
a one (data).
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
239
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com