Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3725CBC Datasheet(PDF) 268 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 268 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 264Page - Texas Instruments DM3725CBC Datasheet HTML 265Page - Texas Instruments DM3725CBC Datasheet HTML 266Page - Texas Instruments DM3725CBC Datasheet HTML 267Page - Texas Instruments DM3725CBC Datasheet HTML 268Page - Texas Instruments DM3725CBC Datasheet HTML 269Page - Texas Instruments DM3725CBC Datasheet HTML 270Page - Texas Instruments DM3725CBC Datasheet HTML 271Page - Texas Instruments DM3725CBC Datasheet HTML 272Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 280 page
background image
jtag_tck
jtag_rtck
jtag_tdi
jtag_tms_tmsc
jtag_emux(IN)
jtag_tdo
jtag_emux(OUT)
JT7
JT11
JT1
JT2
JT3
JT8
JT10
JT9
JT4
JT5
JT6
JT12
JT13
JT14
SWPS038-109
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
(1)
In jtag_emux, x is equal to 0 or 1.
Figure 6-82. JTAG
—Free-Running Clock Mode
6.6.9.3.2 JTAG
—Adaptative Clock Mode
Table 6-146 and Table 6-147 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-83).
Table 6-145. JTAG Timing Conditions
—Adaptative Clock Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
5
ns
tF
Input signal fall time
5
ns
Output Condition
CLOAD
Output load capacitance
30
pF
Table 6-146. JTAG Timing Requirements
—Adaptative Clock Mode(4) (5)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
JA4
1 / tc(tck)
Frequency(1), input clock jtag_tck
50
50
MHz
JA5
tw(tckL)
Pulse duration, input clock jtag_tck low
0.5P(2)
0.5P(2)
ns
JA6
tw(tckH)
Pulse duration, input clock jtag_tck high
0.5P(2)
0.5P(2)
ns
tdc(lclk)
Duty cycle error, input clock jtag_tck
–2500
2500
–2500
2500
ps
tJ(lclk)
Cycle jitter(3), input clock jtag_tck
–1500
1500
–1500
1500
ps
JA7
tsu(tdiV-tckH)
Setup time, input data jtag_tdi valid before input clock
13.8
13.8
ns
jtag_tck high
JA8
th(tdiV-tckH)
Hold time, input data jtag_tdi valid after input clock
13.8
13.8
ns
jtag_tck high
JA9
tsu(tmsV-tckH)
Setup time, input mode select jtag_tms_tmsc valid
13.8
13.8
ns
before input clock jtag_tck high
JA10
th(tmsV-tckH)
Hold time, input mode select jtag_tms_tmsc valid after
13.8
13.8
ns
input clock jtag_tck high
268
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com