Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6655 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6655
Description  High Efficiency 400mA Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6655 Datasheet HTML 1Page - Sipex Corporation SP6655 Datasheet HTML 2Page - Sipex Corporation SP6655 Datasheet HTML 3Page - Sipex Corporation SP6655 Datasheet HTML 4Page - Sipex Corporation SP6655 Datasheet HTML 5Page - Sipex Corporation SP6655 Datasheet HTML 6Page - Sipex Corporation SP6655 Datasheet HTML 7Page - Sipex Corporation SP6655 Datasheet HTML 8Page - Sipex Corporation SP6655 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Date: 09/27/05
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
VIN=UVIN=VSDN=3.6V, VOUT=VFB, IO = 0mA, TAMB = -40°C to +85°C, typical values at 27°C unless otherwise noted.
PV
IN,VIN .............................................................................................. 6V
All other pins .............................................................. -0.3V to V
IN+0.3V
PV
IN, PGND, LX current ........................................................................ 2A
Storage Temperature .................................................. -65 °C to 150 °C
Operating Temperature ................................................. -40°C to +85°C
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage Operating
UVLO
5.5
V
Result of IQ measurement at VIN=PVIN=5.5V
Range
Minimum Output Voltage
1.0
V
FB Set Voltage, Vr
0.784
0.800
0.816
V
25°C, IO=200mA Close Loop. LI = 10µH,
COUT = 22µF
Overall Accuracy
Measured at VIN=5.5V, no load and
(-40°C to 85°C)
±5%
VIN=3.6V, 200mA load, Close Loop
(0°C to 70°C)
±4
On-Time Constant - KON
1.5
2.25
3.0
V*µs
Close Loop, LI = 10µH,COUT = 22µF
Min, TON=KON/(VIN-VOUT)
Off-Time Constant - KOFF
1.6
2.4
3.2
V*µs
Inductor current limit tripped, VFB=0.5V
Min, TOFF=KOFF/VOUT
Measured at VOUT=1V
Off-Time Blanking
100
ns
Turn On Time
200
400
µs
400mA Load
PMOS Switch Resistance
0.3
0.6
Ω
IPMOS = 200mA
NMOS Switch Resistance
0.3
0.6
Ω
INMOS = 200mA
Inductor Current Limit
500
625
750
mA
VFB=0.5V
Power Efficiency
96
%
VOUT=2.5V, IO=200mA
92
VOUT=3.3V, IO=400mA
Minimum Guaranteed Load
400
500
mA
Current
VIN Quiescent Current
20
30
µAVOUT=3.3V, VIN=3.6V and VIN= 5.5V
VIN Shutdown Current
1
500
nA
D1=D0=0V
VOUT Quiescent Current
2
5
µAVOUT = 3.3V
VOUT Shutdown Current
1
500
nA
D1=D0=0V
UVLO
2.55
2.70
2.85
D1=0V, D0=VIN
Undervoltage Lockout
2.70
2.85
3.00
V
D1=VIN, D0=0V
Threshold, VIN falling
2.85
3.00
3.15
D1=VIN, D0=VIN
UVLO hysteresis
40
mV
Battlo Trip Voltage, VIN falling
265
300
335
mV
Measured as VIN-VOUT
Battlo Trip Voltage Hysteresis
9
mV
BLON Low Output Voltage
0.4
V
VIN=3.3V, ISINK=1mA
BLON Leakage Current
1
µAVBLON=3.6V
Over-Temperature
140
°C
Rising Trip Point
Over-Temperature Hysteresis
14
°C
D1,D0 Leakage Current
1
500
nA
D1,D0 Input Threshold Voltage
0.60
0.90
V
High to Low Transition
1.25
1.8
V
Low to High Transition
FB Leakage Current
1
100
nA
FB=1V
LX Leakage
3
5
µA
D1,D0=0V, VIN=3.6V
LX=0V,LX=VIN+0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com