Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6655 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6655
Description  High Efficiency 400mA Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6655 Datasheet HTML 1Page - Sipex Corporation SP6655 Datasheet HTML 2Page - Sipex Corporation SP6655 Datasheet HTML 3Page - Sipex Corporation SP6655 Datasheet HTML 4Page - Sipex Corporation SP6655 Datasheet HTML 5Page - Sipex Corporation SP6655 Datasheet HTML 6Page - Sipex Corporation SP6655 Datasheet HTML 7Page - Sipex Corporation SP6655 Datasheet HTML 8Page - Sipex Corporation SP6655 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Date: 09/27/05
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
SP6655
High Efficiency 400mA Synchronous Buck Regulator
The SP6655 is a 400mA synchronous buck regulator which is ideal for portable applications that
use a Li-Ion or 3 cell alkaline/NiCD/NiMH input. The SP6655’s proprietary control loop, 20µA light
load quiescent current, and 0.3Ω power switches provide excellent efficiency across a wide range
of output currents. As the input battery supply decreases towards the output voltage, the SP6655
seamlessly transitions into 100% duty ratio operation, further extending useful battery life. The
SP6655 is protected against overload and short circuit conditions with a precise inductor peak
current limit. Other features include programmable under voltage lockout and low battery
detection, externally programmed output voltage down to 1.0V, logic level shutdown control, and
140°C over temperature shutdown.
®
Ideal for portable designs powered with Li Ion battery
DESCRIPTION
FEATURES
■ 98% Efficiency Possible
■ Small 10-Pin DFN Package
■ Ultra-low 20µA Quiescent Current
■ 625mA Inductor Peak Current Limit
■ Guaranteed Minimum 400mA Output
Current
■ 2.7V to 5.5V Input Voltage Range
■ Output Adjustable Down to 1.0V
■ 100% Duty Ratio Low Dropout
Operation
■ 80µA Light Load Quiescent Current in
Dropout
APPLICATIONS
■ Cell Phones
■ PDA's
■ DSC's
■ MP3 Players
■ USB Devices
■ Point of Use Power
TYPICAL APPLICATION SCHEMATIC
SP6655
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
PVIN
VIN
BLON
D1
D0
LX
P
GND
GND
V
OUT
FB
Now Available in Lead Free Packaging
BLON
VI
VO
D1
D0
10µF
L1
10µH
VOUT
400mA
2.7V to 5.5V Input
10Ω
1µF
SP6655
PVIN
BLON
D1
D0
LX
GND
VOUT
FB
PGND
VIN
10µF
CIN
CVIN
COUT
RVIN
RF
CF
22pF
RI
200K
1M


Similar Part No. - SP6655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655EB SIPEX-SP6655EB Datasheet
202Kb / 4P
Evaluation Board Manual
SP6655ER SIPEX-SP6655ER Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655ER SIPEX-SP6655ER Datasheet
202Kb / 4P
Evaluation Board Manual
SP6655ER/TR SIPEX-SP6655ER/TR Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
More results

Similar Description - SP6655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6656 SIPEX-SP6656 Datasheet
185Kb / 17P
High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
logo
Sipex Corporation
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 23, 2009
logo
Sipex Corporation
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Linear Technology
LTC7150SEY LINER-LTC7150SEY Datasheet
435Kb / 8P
High Efficiency 20A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com