Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6655 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6655
Description  High Efficiency 400mA Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6655 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6655 Datasheet HTML 1Page - Sipex Corporation SP6655 Datasheet HTML 2Page - Sipex Corporation SP6655 Datasheet HTML 3Page - Sipex Corporation SP6655 Datasheet HTML 4Page - Sipex Corporation SP6655 Datasheet HTML 5Page - Sipex Corporation SP6655 Datasheet HTML 6Page - Sipex Corporation SP6655 Datasheet HTML 7Page - Sipex Corporation SP6655 Datasheet HTML 8Page - Sipex Corporation SP6655 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Date: 09/27/05
SP6655 High Efficiency 400mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
ILoad (mA)
Vi=3.6V
Vi=3.9V
Vi=4.2V
Vi=5.0V
3.15
3.20
3.25
3.30
3.35
3.40
3.45
0
100
200
300
400
500
ILoad (mA)
Vi=3.6V
Vi=3.9V
Vi=4.2V
Vi=5.0V
0
100
200
300
400
500
3.0
3.3
3.6
3.9
4.2
Vin (V)
Tamb = 85°C
Tamb = 25°C
Tamb = -40°C
1.45
1.47
1.49
1.51
1.53
1.55
0
100
200
300
400
500
ILoad (mA)
Vi=3.6V
Vi=3.9V
Vi=4.2V
Vi=5.0V
0
10
20
30
40
50
3.0
3.3
3.6
3.9
4.2
Vin (V)
Tamb = 85°C
Tamb = 25°C
Tamb = -40°C
Efficiency vs Load, V
OUT = 1.5V
Line/Load Rejection, V
OUT = 3.3V
Line/Load Rejection, V
OUT = 1.5V
No Load Battery Current, V
OUT=3.3V
No Load Battery Current, V
OUT=1.5V
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the typical application schematic, TAMB= +27°C
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
ILoad (mA)
Efficiency vs. Load, V
OUT=3.3V, VIN=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com