Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 54Page - Analog Devices AD9142BCPZ Datasheet HTML 55Page - Analog Devices AD9142BCPZ Datasheet HTML 56Page - Analog Devices AD9142BCPZ Datasheet HTML 57Page - Analog Devices AD9142BCPZ Datasheet HTML 58Page - Analog Devices AD9142BCPZ Datasheet HTML 59Page - Analog Devices AD9142BCPZ Datasheet HTML 60Page - Analog Devices AD9142BCPZ Datasheet HTML 61Page - Analog Devices AD9142BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 65 page
background image
AD9142
Data Sheet
Rev. 0 | Page 58 of 64
DEVICE CONFIGURATION0 REGISTER
Address: 0x79, Reset: 0x00, Name: DEVICE_CONFIG0
Table 81. Bit Descriptions for DEVICE_CONFIG0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DEVICE_
CONFIGURATION0
0x18
Recommended setting for device start-up configuration
0x00
RW
VERSION REGISTER
Address: 0x7F, Reset: 0x05, Name: Version
Table 82. Bit Descriptions for Version
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
Version
Chip version
0x05
R
DEVICE CONFIGURATION1 REGISTER
Address: 0x80, Reset: 0x00, Name: DEVICE_CONFIG1
Table 83. Bit Descriptions for DEVICE_CONFIG1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DEVICE_
CONFIGURATION1
0xAD
Recommended setting for device start-up configuration
0x00
RW
DEVICE CONFIGURATION2 REGISTER
Address: 0xE1, Reset: 0x00, Name: DEVICE_CONFIG2
Table 84. Bit Descriptions for DEVICE_CONFIG2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DEVICE_
CONFIGURATION2
0x1A
Recommended setting for device start-up configuration
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com