Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 9Page - Analog Devices AD9142BCPZ Datasheet HTML 10Page - Analog Devices AD9142BCPZ Datasheet HTML 11Page - Analog Devices AD9142BCPZ Datasheet HTML 12Page - Analog Devices AD9142BCPZ Datasheet HTML 13Page - Analog Devices AD9142BCPZ Datasheet HTML 14Page - Analog Devices AD9142BCPZ Datasheet HTML 15Page - Analog Devices AD9142BCPZ Datasheet HTML 16Page - Analog Devices AD9142BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 13 of 64
Figure 9. Single-Tone SFDR (Excluding 2nd Harmonic) vs. fOUT in 80 MHz and
300 MHz Bandwidths, fDAC = 1474.56 MHz
Figure 10. Two-Tone Third IMD vs. fOUT over fDAC
Figure 11. Two-Tone Third IMD vs. fOUT over Digital Back Off,
fDAC = 1474.56 MHz
Figure 12. Two-Tone Third IMD vs. fOUT over Tone Spacing,
fDAC = 1474.56 MHz
Figure 13. Single-Tone (0 dBFS) NSD vs. fOUT over fDAC
Figure 14. Single-Tone NSD vs. fOUT over Digital Back Off,
fDAC = 1474.56 MHz
–60
< –85
–85
–80
–75
–70
–65
0
350
300
250
200
150
100
50
fOUT (MHz)
BW = 80MHz, –6dBFS
BW = 80MHz, –12dBFS
BW = 300MHz, –6dBFS
BW = 300MHz, –12dBFS
–85 MEANS ≤ –85
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
200
300
400
500
600
700
800
fOUT (MHz)
fDAC = 737.28MHz
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
0
–120
–100
–80
–60
–40
–20
0
800
600
700
500
400
300
200
100
fOUT (MHz)
0dBFS
–6dBFS
–9dBFS
0
–120
–100
–80
–60
–40
–20
0
800
600
700
500
400
300
200
100
fOUT (MHz)
0.6MHz TONE SPACING
16MHz TONE SPACING
35MHz TONE SPACING
–152
–168
–166
–164
–162
–160
–158
–156
–154
0
100
200
300
400
500
600
700
800
fOUT (MHz)
fDAC = 737.28MHz
fDAC = 983.04MHz
fDAC = 1228.8MHz
fDAC = 1474.56MHz
–152
–168
–166
–164
–162
–160
–158
–156
–154
0
100
200
300
400
500
600
700
800
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–16dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com