Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 17Page - Analog Devices AD9142BCPZ Datasheet HTML 18Page - Analog Devices AD9142BCPZ Datasheet HTML 19Page - Analog Devices AD9142BCPZ Datasheet HTML 20Page - Analog Devices AD9142BCPZ Datasheet HTML 21Page - Analog Devices AD9142BCPZ Datasheet HTML 22Page - Analog Devices AD9142BCPZ Datasheet HTML 23Page - Analog Devices AD9142BCPZ Datasheet HTML 24Page - Analog Devices AD9142BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 21 of 64
LVDS Input Level Requirements
There are two types of LVDS receivers in the AD9142. The
16-bit data bus and the frame input share the same LVDS
receiver design. The DCI uses a different LVDS design. The
main difference between the two LVDS receivers is the required
input differential swing level. The data bus and frame receiver
require a minimum of ±100 mV swing at the input. The DCI
receiver requires a minimum of ±225 mV swing at its input.
Figure 35 shows the LVDS input configuration and the required
swing levels. Because the DCI is typically generated from the
same bank as the data in the data source, it is recommended
that the output swing of the LVDS driver be larger than the
required DCI input level, thus meeting both input data and DCI
requirements.
Figure 35. Data Interface Voltage Swing Requirements
1.32V
+225mV
–225mV
0V
1.1V
DCIP
DCI
DCIN
AD9142 DCI INPUT LVDS LEVEL
1.25V
+100mV
–100mV
0V
1.15V
DnP
Dn
DnN
AD9142 DATA AND
FRAME INPUT LVDS LEVEL
DnN
DnP
Dn
AD9142 LVDS INPUT CONFIGURATION
+
–
+
–
DCIN
DCIP
DCI
GND
GND
AD9142
TO INTERNAL
DIGITAL
TO INTERNAL
DIGITAL
VCM = (VINP + VINN)/2 = 1.2V
100Ω
100Ω
DATA
RECEIVER
DCI
RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com