Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5565ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
6 GHz Ultrahigh Dynamic Range
Differential Amplifier
Data Sheet
ADL5565
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
3 dB bandwidth of 6 GHz (AV = 6 dB)
Pin strappable gain adjust: 6 dB, 12 dB, and 15.5 dB
Gain range from 0 dB to 15.5 dB using two external resistors
Differential or single-ended input to differential output
Low noise input stage: NF = 8.7 dB at 15.5 dB gain
Low broadband distortion (AV = 6 dB)
10 MHz: −107 dBc (HD2), −110 dBc (HD3)
100 MHz: −108 dBc (HD2), −103 dBc (HD3)
200 MHz: −82 dBc (HD2), −87 dBc (HD3)
500 MHz: −68 dBc (HD2), −63 dBc (HD3)
IMD3 of −112 dBc at 100 MHz center
Slew rate: 11 V/ns
Fast settling and overdrive recovery of 2 ns
Single-supply operation: 2.8 V to 5.2 V
Power down
Fabricated using the high speed XFCB3 SiGe process
APPLICATIONS
Differential ADC drivers
Single-ended-to-differential conversion
RF/IF gain blocks
SAW filter interfacing
FUNCTIONAL BLOCK DIAGRAM
VIP2
ENBL
RF
RF
VCOM
VOP
VIP1
VIN1
VIN2
ADL5565
GND
VCC
VON
RG2
RG1
RG1
RG2
Figure 1.
GENERAL DESCRIPTION
The ADL5565 is a high performance differential amplifier
optimized for RF and IF applications. The amplifier offers low
noise of 1.5 nV/√Hz and excellent distortion performance over
a wide frequency range making it an ideal driver for high speed
8-bit to 16-bit analog-to-digital converters (ADCs).
The ADL5565 provides three gain levels of 6 dB, 12 dB, and
15.5 dB through a pin strappable configuration. For the single-
ended input configuration, the gains are reduced to 5.3 dB,
10.3 dB, and 13 dB. Using two external series resistors expands
the gain flexibility of the amplifier and allows for any gain
selection from 0 dB to 15.5 dB for a differential input and 0 dB
to 13 dB for a single-ended input.
The quiescent current of the ADL5565 is typically 70 mA, and
when disabled, consumes less than 5 mA with −25 dB of input-
to-output isolation at 100 MHz.
The device is optimized for wideband, low distortion, and noise
performance, giving it unprecedented performance for overall
spurious-free dynamic range. These attributes, together with its
adjustable gain capability, make this device the amplifier of
choice for driving a wide variety of ADCs, mixers, pin diode
attenuators, SAW filters, and multielement discrete devices.
Fabricated on an Analog Devices, Inc., high speed SiGe process,
the ADL5565 is supplied in a compact 3 mm × 3 mm, 16-lead
LFCSP package and operates over the −40°C to +85°C
temperature range.


Similar Part No. - ADL5565ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5565ACPZ-R7 AD-ADL5565ACPZ-R7 Datasheet
1Mb / 28P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565ACPZ-R7 AD-ADL5565ACPZ-R7 Datasheet
842Kb / 28P
6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565ACPZ-R7 AD-ADL5565ACPZ-R7 Datasheet
893Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
Rev. E
ADL5565ACPZ-R7 AD-ADL5565ACPZ-R7 Datasheet
853Kb / 26P
6 GHz, Ultrahigh Dynamic Range Differential Amplifier
Rev. G
More results

Similar Description - ADL5565ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
0.25-6 GHz High Dynamic Range Driver Amplifier
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
1Mb / 28P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
6 GHz Ultrahigh Dynamic Range
REV. B
ADL5567 AD-ADL5567 Datasheet
888Kb / 24P
4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
Rev. E
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
8/2019-Rev. B to Rev. C
ADL5569 AD-ADL5569_V01 Datasheet
653Kb / 23P
6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com