Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ADL5565
Data Sheet
Rev. D | Page 22 of 28
LAYOUT CONSIDERATIONS
High-Q inductive drives and loads, as well as stray transmission
line capacitance in combination with package parasitics, can
potentially form a resonant circuit at high frequencies, resulting
in excessive gain peaking or possible oscillation. If RF transmission
lines connecting the input or output are used, design them such
that stray capacitance at the input/output pins is minimized. In
many board designs, the signal trace widths should be minimal
where the driver/receiver is no more than one-eighth of the
wave-length from the amplifier. This nontransmission line
configuration requires that underlying and adjacent ground and
low impedance planes be dropped from the signal lines.
0.1µF
0.1µF
0.1µF
0.1µF
ADL5565
VIP2
VIP1
VIN1
VOP
VON
VIN2
R6
R5
R4
R3
R2
R1
R8
R7
R10
R9
ETC1-1-13
ETC1-1-13
SPECTRUM
ANALYZER
Figure 42. General-Purpose Characterization Circuit
Table 12. Gain Setting and Input Termination Components for Figure 42
AV (dB)
R1 (Ω)
R2 (Ω)
R3 (Ω)
R4 (Ω)
R5 (Ω)
R6 (Ω)
6
29
29
Open
0
0
Open
12
33
33
0
Open
Open
0
15.5
40.2
40.2
0
0
0
0
Table 13. Output Matching Network for Figure 42
RL (Ω)
R7 (Ω)
R8 (Ω)
R9 (Ω)
R10 (Ω)
200
84.5
84.5
34.8
34.8
ADL5565
VIP2
VIP1
VIN1
VOP
VON
VIN2
R6
R5
R4
R3
R2
R1
PORT 1
PORT 3
PORT 2
PORT 4
R8
R7
R10
R9
Figure 43. Differential Characterization Circuit Using Agilent E8357A Four-Port PNA
Table 14. Gain Setting and Input Termination Components for Figure 43
AV (dB)
R1 (Ω)
R2 (Ω)
R3 (Ω)
R4 (Ω)
R5 (Ω)
R6 (Ω)
6
100
100
Open
0
0
Open
12
Open
Open
0
Open
Open
0
15.5
Open
Open
0
0
0
0
Table 15. Output Matching Network for Figure 43
RL (Ω)
R7 (Ω)
R8 (Ω)
R9 (Ω)
R10 (Ω)
200
50
50
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com