Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5565ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5565ACPZ-R7
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5565ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5565ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADL5565
Data Sheet
Rev. D | Page 14 of 28
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
50
100
150
200
250
300
HD2 AV = 5.3dB
HD2 AV = 10.3dB
HD2 AV = 13dB
HD3 AV = 5.3dB
HD3 AV = 10.3dB
HD3 AV = 13dB
FREQUENCY (MHz)
Figure 21. Single-Ended Harmonic Distortion (HD2/HD3) vs. Frequency,
CH3 400mV/DIV
25GS/s
8:0G
A CH3
832mV
1
3
50Ω
CH1 70.4mV
2ns/DIV
B
W
Figure 22. ENBL Time Domain Response
25GS/s
CH1 340mV
A CH2
10mV
1
CH2 1.025V
2ns/DIV
Figure 23. Large Signal Pulse Response, AV = 15.5 dB
0
10
20
30
40
50
60
70
80
90
10
100
1000
FREQUENCY (MHz)
Figure 24. Common-Mode Rejection Ratio (CMRR) vs. Frequency
800
0
100
200
300
400
500
600
700
0
200
400
600
800
1000
FREQUENCY (MHz)
Figure 25. Group Delay vs. Frequency
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1000
FREQUENCY (GHz)
Figure 26. Reverse Isolation (S12) vs. Frequency AV = 6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com