Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QID3320002 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # QID3320002
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320002 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  QID3320002 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
QID3320002
Dual IGBT HVIGBT Module
200 Amperes/3300 Volts
4
01/13 Rev. 8
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER
SATURATION VOLTAGE, V
CE(sat), (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
VCE = VGE
Tj = 25°C
Tj = 150°C
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
0
2
1
3
4
5
6
0
VGE = 19V
11
15
13
9
Tj = 150°C
50
100
150
200
250
300
0
50
100
150
200
250
300
0
50
100
150
200
250
300
0
50
100
150
200
250
300
0
4
2
6
8
10
12
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
0
5
2
4
3
VGE = 15V
Tj = 25°C
Tj = 150°C
1
0
5
2
4
3
1
Tj = 25°C
Tj = 150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com