Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QID3320002 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # QID3320002
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320002 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  QID3320002 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
QID3320002
Dual IGBT HVIGBT Module
200 Amperes/3300 Volts
3
01/13 Rev. 8
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Electrical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
—
23
—
nF
Output Capacitance
Coes
VGE = 0V, VCE = 10V
—
1.5
—
nF
Reverse Transfer Capacitance
Cres
—
0.7
—
nF
Turn-on Delay Time
td(on)
VCC = 1650V, IC = 200A,
—
800
—
ns
Rise Time
tr
VGE = +15V/-8V,
—
160
—
ns
Turn-off Delay Time
td(off)
RG(on) = 15Ω, RG(off) = 50Ω,
—
3200
—
ns
Fall Time
tf
LS = 125nH, Inductive Load
—
1300
—
ns
Turn-on Switching Energy
Eon
Tj = 125°C, IC = 200A, VGE = +15V/-8V,
—
335
—
mJ/P
Turn-off Switching Energy
Eoff
RG(on) = 15Ω, RG(off) = 50Ω,
—
275
—
mJ/P
VCC = 1650V, LS = 125nH, Inductive Load
Diode Reverse Recovery Time**
trr
VCC = 1650V, IE = 200A,
—
500
—
ns
Diode Reverse Recovery Charge**
Qrr
VGE = +15V/-8V, RG(on) = 15Ω,
—
180*
—
µC
Diode Reverse Recovery Energy
Erec
LS = 125nH, Inductive Load, Tj = 125°C
—
190
—
mJ/P
Stray Inductance (C1-E2)
LSCE
—
60
—
nH
Lead Resistance Terminal-Chip
RCE
—
0.8
—
mΩ
Thermal and Mechanical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case***
Rth(j-c) Q
Per IGBT
—
0.074
—
°C/W
Thermal Resistance, Junction to Case***
Rth(j-c) D
Per FWDi
—
0.11
—
°C/W
Contact Thermal Resistance, Case to Fin
Rth(c-f)
Per Module,
—
0.018
—
°C/W
Thermal Grease Applied, λgrease = 1W/mK
Comparative Tracking Index
CTI
600
—
—
Clearance Distance in Air (Terminal to Base)
da(t-b)
35.0
—
—
mm
Creepage Distance Along Surface
ds(t-b)
64
—
—
mm
(Terminal to Base)
Clearance Distance in Air
da(t-t)
19
—
—
mm
(Terminal to Terminal)
Creepage Distance Along Surface
ds(t-t)
54
—
—
mm
(Terminal to Terminal)
*Pulse width and repetition rate should be such that device junction temperature rise is negligible.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
***TC measurement point is just under the chips.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com