Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QID3320002 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QID3320002
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320002 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QID3320002 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320002 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QID3320002
Dual IGBT HVIGBT Module
200 Amperes/3300 Volts
2
01/13 Rev. 8
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Absolute Maximum Ratings,
Tj = 25 °C unless otherwise specified
Ratings
Symbol
QID3320002
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (VGE = 0V)
VCES
3300
Volts
Gate-Emitter Voltage (VCE = 0V)
VGES
±20
Volts
Collector Current (TC = 102°C)
IC
200
Amperes
Collector Current (TC = 25°C)
IC
370
Amperes
Peak Collector Current (Pulse)
ICM
400*
Amperes
Diode Forward Current** (TC = 99°C)
IF
200
Amperes
Diode Forward Surge Current** (Pulse)
IFM
400*
Amperes
I2t for Diode (t = 10ms, VR = 0V, Tj = 125°C)
I2t
15
kA2sec
Maximum Collector Dissipation (TC = 25°C, IGBT Part, Tj(max) ≤ 150°C)
PC
1780
Watts
Mounting Torque, M6 Terminal Screws
—
44
in-lb
Mounting Torque, M6 Mounting Screws
—
44
in-lb
Module Weight (Typical)
—
900
Grams
Isolation Voltage (Charged Part to Baseplate, AC 60Hz 1 min.)
Viso
7.7
kVolts
Partial Discharge
Qpd
10
pC
(V1 = 4800 VRMS, V2 = 3500 VRMS, f = 60Hz (Acc. to IEC 1287))
Maximum Short-Circuit Pulse Width,
tpsc
10
µs
(VCC ≤ 2500V, VCE ≤ VCES, VGE = 15V, Tj = 125°C)
Electrical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
—
—
2.0
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
—
—
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 15mA, VCE = 10V
5.5
6.0
6.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 200A, VGE = 15V, Tj = 25°C
—
2.7***
3.3
Volts
IC = 200A, VGE = 15V, Tj = 125°C
—
3.4
4.0
Volts
IC = 200A, VGE = 15V, Tj = 150°C
—
3.6
—
Volts
Total Gate Charge
QG
VCC = 1800V, IC = 170A, VGE = 15V
—
1.8
—
µC
Emitter-Collector Voltage**
VEC
IE = 200A, VGE = 0V, Tj = 25°C
—
2.3
3.0
Volts
IE = 200A, VGE = 0V, Tj = 125°C
—
2.45
—
Volts
IE = 200A, VGE = 0V, Tj = 150°C
—
2.55
—
Volts
* Pulse width and repetition rate should be such that device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
*** Pulse width and repetition rate should be such that device junction temperature rise is negligible.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com