Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-751 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 13
Thermoharvesting Module
Micropelt TE-CORE
At high, continuous current requirements of the load of
the TE-CORE power harvesting kit, a continuous opera-
tion is not possible.
Common energy harvesting equipment operate in a
“duty-cycle” mode, where the load is mostly in standby
mode and only active for a short period of time.
The size of the energy storage device can be adapted
by the footprint position of C33.
3.5.1 DC-DC Booster Efficiency
TE-CORE7 @ 25ºC ambient
Hot side temp
40 ºC
Output voltage
2.39 V
2.40 V
2.44 V
Output power
0.36 mW
Current peak
1 mA
25 mA
150 mA
DC Boost efficiency
52 %
57 %
>80 %
Hot side temp
Output voltage
2.39 V
2.40 V
2.44 V
Output power
1.8 mW
Current peak
1 mA
25 mA
150 mA
DC Boost efficiency
52 %
64 %
> 80 %
60 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com