Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-751 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TGP-751 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 2Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 4
Thermoharvesting Module
Micropelt TE-CORE
1.
Introduction
1.1 System Introduction
The TE-CORE thermoharvesting module converts locally
available waste heat thermoelectrically to indefinite free
electric energy - as long as the heat flows through the
thermogenerator (TEG). The integral power conversion
and management circuit steps up the ‘gradient-analog’
output voltage of the TEG and outputs a fixed voltage
(2.4 V by default). The harvested energy is being buff-
ered in an extendable capacitor and controlled by a
configurable hysteresis.
For the TE-CORE to serve as the exclusive power supply
to an application it is mandatory to maintain a positive
energy balance, i.e. the amount of energy harvested
over a specific period must be equal or greater than the
energy consumed over that same period (see 1.5).
1.4 Applications
Consider thermoharvesting whenever both wiring and
battery maintenance are hard to accept for reasons of
cost, accessibility, manpower, logistics, hazard etc.

Wireless sensors and sensor networks (WSN)

Industrial process control & monitoring

Condition monitoring

Condition Based Maintenance (CBM)

Thermal event logging and alerting

Intelligent buildings and HVAC

Automatic meter reading (AMR)

Smart grid & metering

Energy monitoring & control

Remote sensing & tracking
1.2 Features

Operates from temperature differentials
of < 10 ºC between a surface and ambient

Operates on heat sources up to 105 °C

Also operates from cold sources

High-efficiency low-cost DC-DC booster design,
leveraging micro-thermogenerators with high
output voltage and high electrical resistance

Output voltage 2.4 V standard;
configurable between 1.8 V and 4.5 V

Extendable energy storage capacity

Configurable buffer hysteresis

Exchangeable heatsink

Interface connector compatible with TI eZ430-
RF2500T and similar wireless evaluation boards

RoHS and WEEE compliant
1.3 Benefits

Battery-free and cordless operation of electrical
consumers

Indefinite maintenance-free local energy

Scalable harvesting capability: Supports Micropelt
TGP-751 (TE-CORE7) and TGP-651 (TE-CORE6)
Thermogenerator packages.

Power supply for life-long operation of a low power
device.
TE-CORE Module with TGP Thermogenerator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com