Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-751 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TGP-751 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 2Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 3
Thermoharvesting Module
Micropelt TE-CORE
Congratulations !
You have chosen a powerful and versatile thermal energy harvesting module. The TE-CORE serve you for
desk and lab evaluation purposes or it may be used as an embedded green power supply for energy auton-
omous low-power electrical systems - typically with low duty cycles for control or maintenance.
We appreciate your choice of using Micropelt's thermoharvesting technology to explore the use of free am-
bient thermal power or waste heat instead of batteries. For a smooth start and sustainable success with your
new device, please consider the following:

Avoid intensive mechanical stress on the heat sink (shear or shock).

Do not expose the TE-CORE Module to temperatures exceeding 105 °C [221°F].

Protect the device against extensive humidity and direct water exposure

Disassembly is not recommended ! The heatsink may be removed or replaced with appropriate care.
Please share your experience with us. We appreciate your feedback.
Beyond that you are welcome to leverage our engineering expertise . It will likely facilitate and accelerate
your product design and time-to-market.
If you need further assistance, please contact us !
Free Power to You
The Micropelt Team



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com