Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-751 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 13
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
3.1.8 TGP output voltage measurement
The direct output voltage of TGP will be read at
port P0_1 of the CC2530 CPU (voltage divider of 1:1).
A special circuitry is used to monitor the open circuit
output voltage of the TGP and to analyze thereby the
harvested output power. The oscillation circuit of the
DC-DC Booster is shortly interrupted by transistor T2
and the TGP output voltage is being connected to the
ADC of the CPU. This interruption is being realized by
pulling a 30 kOhm resistor R10 to ground via control
transistor T3. The time constant for this function toff can
be set by an RC combination (C5, R10) and should be
kept longer as the required measurement time of the
ADC.
(Eq. 5)
Yellow - IO Voltage (GPIO2)
Yellow - IO Voltage
Cyan - Booster Input voltage
Cyan - Voltage Pin 2 at
capacitor C5
Direct output voltage measurement at TGP
ms
µF
kOhm
C
R
t
off
6
.
6
22
.
0
30
5
10
3.1.9 Temperature sensor
Absolute temperature of the TGP generator is meas-
ured by a digital temperature sensor from Texas Instru-
ment TMP102.
The temperature sensor is located next to the “cold
side” of the TGP and connected via a cupper sheet.
Since the temperature gradient is directly proportional
to the open circuit voltage of the TGP, the hot side
temperature can be calculated and thereby the temper-
ature gradient over the TGP generator, according equi-
tation 6.
(Eq. 6)
Temperature sensor TMP102
]
[
110
]
[
]
[
]
[
K
mV
V
Uocv
C
Tcold
C
Thot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com