Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-751 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TGP-751 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 2Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 5
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
1.
Introduction
1.1 System Introduction
The TE-CORE /RF is a complete thermo-powered, self-
sufficient wireless sensor node system (WSN).
The TE-CORE /RF is based on an Energy Harvesting
module with power management function, which con-
verts locally available waste heat thermoelectrically to
indefinite free electric energy.
A Wireless Sensor module is connected to the TE-
CORE /RF and is equipped with Texas Instruments (TI)
ultra-low power technology (CC2530).
A temperature difference as little as 10 ºC between a
hot surface and ambient air is enough for the TE-
CORE /RF to make a temperature measurement and a
radio transmission every two seconds.
Via an USB receiver and PC application software, infor-
mation about the thermal profile of the heat source,
the generated output power, the thermal generator
output voltage, the energy storage voltage and battery
equivalent are displayed.
1.3 Applications
Maintenance-free wireless sensors and actuators:

Wireless sensors and sensor networks (WSN)

Autonomous intelligent valves

Industrial process control & condition monitoring

Thermal event logging and alerting

Smart metering

Remote sensing & tracking
1.2 Features

Operates from temperature differentials
of < 10 ºC between a surface and ambient

Connector for (pre-certified) radio modules,

Standard equipped with pre-qualified ETSI EN 300
440-2 V1.4.1., iM222A Zigbee Network Processor of
IMST, operating in 2.4 GHz ISM band
http://www.wireless-solutions.de/wireless-solutions/en/products/zigbee/
im222aproz.php
datasheet http://www.wireless-solutions.de/wireless-solutions/en/support/hardware-
dokumente/im222aproz/iM222A-ZNP_Datasheet_V2_0.pdf

iM222a is based on Texas Instruments (TI) CC2530
SoC, tailored for IEEE 802.15.4 and Zigbee

Application software TE-Power SCOPE for thermal
and electrical evaluation and simulation

Duty-cycle 2 seconds

Average energy consumption is <90 µW

Interfaces available: I2C, SPI, GPIO’s and JTAG

High-efficiency low-cost DC-DC booster

Supports Micropelt thermogenerator packages
TGP-751 (TE-CORE7 /RF) and
TGP-651 (TE-CORE6 /RF)

RoHS compliant
Wireless Sensor module
Energy Harvesting module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com