Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGP-751 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 2Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 6
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
1.5 Absolute Maximum Ratings
Please ensure that during operation of the TE-CORE /RF
system the below maximum ratings, see below, are not
exceeded:
1.6 Mechanical and Thermal Interfaces
The PCB and the heat sink are connected by two fas-
tening screws, which fixes the TPG at the same time.
Clamping force is max. 25 cNm, because of PCB.
(see picture “TE-CORE /RF main components”)
Between TGP and the heat sink a Graphite foil ensures
a good thermal path. eGraph type Hitherm 2505 with
127µm is used as thermal interface material.
1.7 Available Versions
The TE-CORE/RF ThermoHarvesting Wireless Sensor
System is available in two variations, differentiated by
two thermal generator types:

TE-CORE7 /RF: TGP-751 (thin-film TEG MPG-D751 )

TE-CORE6 /RF: TGP-651 (thin-film TEG MPG-D651)
Select TE-CORE7 over TE-CORE6 for:

operation at lowest temperature gradients

higher output power with better heat sink;
—> 2x power over the TE-CORE6 is possible.
TE-CORE /RF main components
1.4 Modular Thermo-Mechanical Design
The Energy Harvesting module of the TE-CORE /RF
operates from a heat (or cold) thermal energy source.
The TGP’s aluminum top side, its thermal input, is sup-
posed to be attached to the heat source. The thickness
of the thermal input acts as a spacer to protect the PCB
and to ensure a thermal separation between the hot
and cold sides; i.e. optimizing energy harvesting perfor-
mance through suppression of thermal ‘cross talk’.
The thickness of the TGP’s thermal output was chosen
to provide an initial heat spreading effect towards a
heat sink and at the same time allowing for population
of electronic components next to the TGP, even below
the heat sink which usually extends well over the foot-
print of the TGP.
min
TYP
max
Hot side
temperature
+10 °C
-
+ 100 ºC
Operating temp
0 ºC
+ 70 ºC
Storage temp
+5 ºC
+ 35 ºC
ESD sensitivity
-
-
9000 V
TE-CORE7 /RF TE-CORE6 /RF
33.5 ºC
92.3 °F
35.0 ºC
95.0 °F
DC-DC startup at
25 °C ambient
Exchangeable
heat sink
Heat sink interface/
thermal output
Heat source interface/
thermal input
Energy Harvesting module
Fastening bolts
for heat sink
Wireless Sensor module
iM222a radio module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com