Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC07AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC07AD
Description  Hex buffer with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC07AD Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC07AD Datasheet HTML 1Page - NXP Semiconductors 74LVC07AD Datasheet HTML 2Page - NXP Semiconductors 74LVC07AD Datasheet HTML 3Page - NXP Semiconductors 74LVC07AD Datasheet HTML 4Page - NXP Semiconductors 74LVC07AD Datasheet HTML 5Page - NXP Semiconductors 74LVC07AD Datasheet HTML 6Page - NXP Semiconductors 74LVC07AD Datasheet HTML 7Page - NXP Semiconductors 74LVC07AD Datasheet HTML 8Page - NXP Semiconductors 74LVC07AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVC07A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 October 2011
2 of 14
NXP Semiconductors
74LVC07A
Hex buffer with open-drain outputs
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram for one gate
mna535
2
11A
1Y
4
32A
2Y
6
53A
3Y
8
94A
4Y
10
11
5A
5Y
12
13
6A
6Y
mna534
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
2
1
1
4
3
6
5
8
9
10
11
12
13
1
1
1
1
1
mna533
GND
A
Y
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration for SO14 and TSSOP14
Fig 5.
Pin configuration for DHVQFN14
74LVC07A
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aad066
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aad067
74LVC07A
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com