Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC07AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC07AD
Description  Hex buffer with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC07AD Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC07AD Datasheet HTML 1Page - NXP Semiconductors 74LVC07AD Datasheet HTML 2Page - NXP Semiconductors 74LVC07AD Datasheet HTML 3Page - NXP Semiconductors 74LVC07AD Datasheet HTML 4Page - NXP Semiconductors 74LVC07AD Datasheet HTML 5Page - NXP Semiconductors 74LVC07AD Datasheet HTML 6Page - NXP Semiconductors 74LVC07AD Datasheet HTML 7Page - NXP Semiconductors 74LVC07AD Datasheet HTML 8Page - NXP Semiconductors 74LVC07AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVC07A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 October 2011
4 of 14
NXP Semiconductors
74LVC07A
Hex buffer with open-drain outputs
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
functional
1.2
-
-
V
VI
input voltage
0
-
5.5
V
VO
output voltage
active mode
0
-
VCC
V
high-impedance mode
0
-
5.5
V
Tamb
ambient temperature
40
-
+125
C
t/V
input transition rise and fall
rate
VCC = 1.65 V to 2.7 V
0
-
20
ns/V
VCC = 2.7 V to 5.5 V
0
-
10
ns/V
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
1.08
-
-
1.08
-
V
VCC = 1.65 V to 1.95 V
0.65
 V
CC
-
-
0.65
 V
CC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7
 V
CC
-
-
0.7
 V
CC
-V
VIL
LOW-level input
voltage
VCC = 1.2 V
-
-
0.12
-
0.12
V
VCC = 1.65 V to 1.95 V
-
-
0.35
 V
CC
-0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.30
 V
CC
-0.30
 V
CC
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC = 1.65 V to 5.5 V
-
-
0.20
-
0.3
V
IO =4mA; VCC = 1.65 V
-
-
0.45
-
0.6
V
IO =8mA; VCC = 2.3 V
-
-
0.3
-
0.75
V
IO =12mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
IO =32mA; VCC = 4.5 V
-
-
0.55
-
0.8
V
II
input leakage
current
VI =5.5 V orGND;
VCC = 1.65 V to 5.5 V
-
0.1
5-
20
A
IOZ
OFF-state
output current
VI =VIH; VO = 5.5 V or GND;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
20
A
IOFF
power-off
leakage current
VI or VO = 5.5 V; VCC =0V
-
0.1
10
-
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com