Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC07AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC07AD
Description  Hex buffer with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC07AD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC07AD Datasheet HTML 1Page - NXP Semiconductors 74LVC07AD Datasheet HTML 2Page - NXP Semiconductors 74LVC07AD Datasheet HTML 3Page - NXP Semiconductors 74LVC07AD Datasheet HTML 4Page - NXP Semiconductors 74LVC07AD Datasheet HTML 5Page - NXP Semiconductors 74LVC07AD Datasheet HTML 6Page - NXP Semiconductors 74LVC07AD Datasheet HTML 7Page - NXP Semiconductors 74LVC07AD Datasheet HTML 8Page - NXP Semiconductors 74LVC07AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74LVC07A provides six non-inverting buffers. The outputs are open-drain and can be
connected to other open-drain outputs to implement active-LOW wired-OR or active-HIGH
wired-AND functions.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
2.
Features and benefits
5 V tolerant inputs and outputs (open-drain) for interfacing with 5 V logic
Wide supply voltage range from 1.2 V to 5.5 V
CMOS low power consumption
Direct interface with TTL levels
Inputs accept voltages up to 5 V
Complies with JEDEC standard:
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A (2.3 V to 2.7 V)
JESD8-C/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-B exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Specified from
40 C to +85 C and 40 C to +125 C
3.
Ordering information
74LVC07A
Hex buffer with open-drain outputs
Rev. 5 — 27 October 2011
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC07AD
40 Cto +125 C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC07APW
40 Cto +125 C
TSSOP14
plastic thin small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC07ABQ
40 Cto +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1


Similar Part No. - 74LVC07AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC07AD PHILIPS-74LVC07AD Datasheet
71Kb / 16P
Hex buffer with open-drain outputs
2000 Mar 07
logo
Nexperia B.V. All right...
74LVC07AD NEXPERIA-74LVC07AD Datasheet
234Kb / 12P
Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
74LVC07AD,118 NEXPERIA-74LVC07AD,118 Datasheet
234Kb / 12P
Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
74LVC07AD-Q100 NEXPERIA-74LVC07AD-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
logo
ON Semiconductor
74LVC07ADR2G ONSEMI-74LVC07ADR2G Datasheet
105Kb / 7P
Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
More results

Similar Description - 74LVC07AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
Hex buffer with open-drain outputs
2000 Mar 07
logo
Texas Instruments
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74AHCT07A NEXPERIA-74AHCT07A Datasheet
728Kb / 12P
Hex buffer with open-drain outputs
74AHCV07A NEXPERIA-74AHCV07A Datasheet
762Kb / 14P
Hex buffer with open-drain outputs
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
74LV07A NEXPERIA-74LV07A Datasheet
728Kb / 12P
Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com