Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1562ST Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 5Page - NXP Semiconductors TDA1562ST Datasheet HTML 6Page - NXP Semiconductors TDA1562ST Datasheet HTML 7Page - NXP Semiconductors TDA1562ST Datasheet HTML 8Page - NXP Semiconductors TDA1562ST Datasheet HTML 9Page - NXP Semiconductors TDA1562ST Datasheet HTML 10Page - NXP Semiconductors TDA1562ST Datasheet HTML 11Page - NXP Semiconductors TDA1562ST Datasheet HTML 12Page - NXP Semiconductors TDA1562ST Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2003 Feb 12
9
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
Fig.5 Behaviour as a function of temperature.
handbook, full pagewidth
class-H
maximum output
voltage swing
diagnostic
output
status I/O: high
status I/O: open
MGL266
class-B
0
HIGH
LOW
status I/O
output
HIGH
MID
LOW
120
145
Tj (°C)
150
160
100
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. When operating at VP > 16 V, the output power must be limited to 85 W at THD = 10% (or minimum load is 6 Ω).
2. Tj is a theoretical temperature which is based on a simplified representation of the thermal behaviour of the device.
Tj =Tc +P × Rth(j-c), where Rth(j-c) is a fixed value to be used for the calculation of Tj. The rating for Tj limits the
allowable combinations of power dissipation P and case temperature Tc (in accordance with IEC 60747-1).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating; note 1
−
18
V
non-operating
−
30
V
load dump; tr > 2.5 ms; t = 50 ms
−
45
V
IOSM
non-repetitive peak output current
−
10
A
IORM
repetitive peak output current
−
8A
Vsc
short-circuit safe voltage
−
18
V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
−°C
Tj
junction temperature
note 2
−
150
°C
Ptot
total power dissipation
−
60
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com