Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1562ST Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 9Page - NXP Semiconductors TDA1562ST Datasheet HTML 10Page - NXP Semiconductors TDA1562ST Datasheet HTML 11Page - NXP Semiconductors TDA1562ST Datasheet HTML 12Page - NXP Semiconductors TDA1562ST Datasheet HTML 13Page - NXP Semiconductors TDA1562ST Datasheet HTML 14Page - NXP Semiconductors TDA1562ST Datasheet HTML 15Page - NXP Semiconductors TDA1562ST Datasheet HTML 16Page - NXP Semiconductors TDA1562ST Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2003 Feb 12
13
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
AC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; Rs =0 Ω; f = 1 kHz; Tamb =25 °C; measurements in accordance with Fig.9; unless otherwise
specified.
Notes
1. The low frequency power roll-off is determined by the value of the electrolytic lift capacitors.
2. The low frequency gain roll-off is determined by the value of the input coupling capacitors.
3. Supply voltage ripple rejection is measured across RL; ripple voltage Vripple(max) = 2 V (p-p).
4. Common mode rejection ratio is measured across RL; common mode voltage Vcm(max) = 2 V (p-p).
CMMR (dB) = differential gain (Gv) + common mode attenuation (αcm). Test set-up according to Fig.10; mismatch of
input coupling capacitors excluded.
5. Input signal rejection ratio is measured across RL; input voltage Vi(max) = 2 V (p-p). ISSR (dB) = different gain
(Gv) + mute attenuation (αm).
6. Noise output voltage is measured in a bandwidth of 20 Hz to 20 kHz.
7. Noise output voltage is independent of source impedance Rs.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
class-B; THD = 10%
16
19
−
W
class-H; THD = 10%
60
70
−
W
class-H; THD = 0.5%
45
55
−
W
fro(h)(P)
high frequency power roll-off Po (−1 dB); THD = 0.5%;
note 1
−
20
−
kHz
THD
total harmonic distortion
Po =1W
−
0.03
−
%
Po =20W
−
0.06
−
%
DDD active
−
2.1
−
%
Gv
voltage gain
25
26
27
dB
fro(h)(G)
high frequency gain roll-off
Gv (−1 dB); note 2
20
−−
kHz
Z
i(dif)
differential input impedance
90
150
210
k
Ω
SVRR
supply voltage ripple
rejection
on and mute; note 3
55
63
−
dB
standby; note 3
−
90
−
dB
CMRR
common mode rejection
ratio
on; note 4
56
80
−
dB
ISRR
input signal rejection ratio
mute; note 5
80
100
−
dB
Vn(o)
noise output voltage
on; note 6
−
100
150
µV
mute; notes 6 and 7
−
60
−µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com