Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1562ST Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 10Page - NXP Semiconductors TDA1562ST Datasheet HTML 11Page - NXP Semiconductors TDA1562ST Datasheet HTML 12Page - NXP Semiconductors TDA1562ST Datasheet HTML 13Page - NXP Semiconductors TDA1562ST Datasheet HTML 14Page - NXP Semiconductors TDA1562ST Datasheet HTML 15Page - NXP Semiconductors TDA1562ST Datasheet HTML 16Page - NXP Semiconductors TDA1562ST Datasheet HTML 17Page - NXP Semiconductors TDA1562ST Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
2003 Feb 12
14
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
TEST AND APPLICATION INFORMATION
POWER-
STAGE
STAT
VP*
VP*
75
k
Ω
10
k
Ω
RL =
4
Ω
−
+
C1
+
C1
−
FEEDBACK
CIRCUIT
TDA1562
POWER-
STAGE
CLASS-B
CLASS-H
FAST MUTE
TEMPERATURE
SENSOR
LOAD DUMP
PROTECTION
STANDBY
MUTE
ON
LOAD
DETECTOR
DYNAMIC
DISTORTION
DETECTOR
DIAGNOSTIC
INTERFACE
TEMPERATURE
PROTECTION
CURRENT
PROTECTION
LIFT-SUPPLY
LIFT-SUPPLY
disable
disable
16
MODE
4
1
IN
+
100 nF
35
4700
µF
2200
µF
100
nF
75
k
Ω
15 k
Ω
reference
voltage
−
+
2
audio
source
1/2*Rs
1/2*Rs
IN
−
14
Vref
17
SGND
PRE-
AMP
PRE-
AMP
100 nF
10
µF
C2
+
C2
−
OUT
−
15
13
6
GND
MGL271
12
11
DIAG
OUT
+
+ VP
7
8
4700
µF
910
+ VP
VP2
VP1
PGND1
PGND2
Fig.9 Test and application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com